Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC5322 Datasheet(PDF) 2 Page - Texas Instruments

Part # GC5322
Description  GC5322 Wideband Digital Predistortion Transmit Processor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5322 Datasheet(HTML) 2 Page - Texas Instruments

  GC5322 Datasheet HTML 1Page - Texas Instruments GC5322 Datasheet HTML 2Page - Texas Instruments GC5322 Datasheet HTML 3Page - Texas Instruments GC5322 Datasheet HTML 4Page - Texas Instruments GC5322 Datasheet HTML 5Page - Texas Instruments GC5322 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.ti.com
GC5322 FUNCTIONAL BLOCK DIAGRAM
IPDL
Detect
BBin
FB
TX
(LVDS)
18Pairs
(LVDS)
19Pairs
Gain
Pilot
Insertion
AntCal
Insertion
Power
Meter
16
BBFR
MFIO[19:18]
2
(Optional;
additional
2LSBs)
Wide
Band
DUC
Wide
Band
DUC
Medium
Band
DUC
Medium
Band
DUC
Medium
Band
DUC
Medium
Band
DUC
NarrowBandDUC
NarrowBandDUC
NarrowBandDUC
NarrowBandDUC
NarrowBandDUC
NarrowBandDUC
NarrowBandDUC
NarrowBandDUC
NarrowBandDUC
NarrowBandDUC
NarrowBandDUC
NarrowBandDUC
+
CFR
Fractional
Farrow
Resampler
Circular
Limiter
GC5322
JTAG
MPUInterface
RESETB SYNC
3
SYNC
OUT
INT UPDATA UPADDR OEB RDB WRB CEB
TCK
TRSTB
TDI
TMS
TDO
16
10
4
BBCLK
DPDCLK
SYNCD
(LVDS)
(LVDS)
BB
PLL
DPD
PLL
RealtoComplex
(orBypass)
Feedback
Equalizer
FeedbackNL
Correction
BulkInterpolation
+Mixer
Transmit
Equalizer
DPD
ADC
Interface
DAC
Interface
CaptureBuffers
DUCsin
1-ChnMode
DUCsin
2-ChnMode
DUCsin
6-ChnMode
BBClockDomain
DPDClockDomain
B0279-01
GC5322
SLWS208 – JANUARY 2008
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PACKAGED DEVICE(1)
TA
352-ball S-PBGA package, 27 mm
× 27 mm
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): GC5322



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com