Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND9012AJ Datasheet(PDF) 40 Page - STMicroelectronics

Part # VND9012AJ
Description  Double channel high-side driver with current sense analog feedback for automotive applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND9012AJ Datasheet(HTML) 40 Page - STMicroelectronics

Back Button VND9012AJ Datasheet HTML 36Page - STMicroelectronics VND9012AJ Datasheet HTML 37Page - STMicroelectronics VND9012AJ Datasheet HTML 38Page - STMicroelectronics VND9012AJ Datasheet HTML 39Page - STMicroelectronics VND9012AJ Datasheet HTML 40Page - STMicroelectronics VND9012AJ Datasheet HTML 41Page - STMicroelectronics VND9012AJ Datasheet HTML 42Page - STMicroelectronics VND9012AJ Datasheet HTML 43Page - STMicroelectronics VND9012AJ Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
Table 18. PowerSSO-16 carrier tape dimensions
Description
Value(1)
A0
6.50 ± 0.1
B0
5.25 ± 0.1
K0
2.10 ± 0.1
K1
1.80 ± 0.1
F
5.50 ± 0.1
P1
8.00 ± 0.1
W
12.00 ± 0.3
1. All dimensions are in mm.
Figure 49. PowerSSO-16 schematic drawing of leader and trailer tape
Embossed carrier
Carrier tape
Round sprocket holes
Elongated sprocket holes
Top cover tape
(32 mm tape and wider)
Top cover tape
Trailer
160 mm minimum
Leader
100 mm min.
400 mm minimum
Components
User direction feed
Punched carrier
8 mm & 12 mm only
END
START
GAPG2004151511CFT
VND9012AJ
Package information
DS12727 - Rev 5
page 40/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com