Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ7040AY Datasheet(PDF) 20 Page - STMicroelectronics

Part # VNQ7040AY
Description  Quad channel high-side driver with MultiSense analog feedback for automotive applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7040AY Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VNQ7040AY Datasheet HTML 16Page - STMicroelectronics VNQ7040AY Datasheet HTML 17Page - STMicroelectronics VNQ7040AY Datasheet HTML 18Page - STMicroelectronics VNQ7040AY Datasheet HTML 19Page - STMicroelectronics VNQ7040AY Datasheet HTML 20Page - STMicroelectronics VNQ7040AY Datasheet HTML 21Page - STMicroelectronics VNQ7040AY Datasheet HTML 22Page - STMicroelectronics VNQ7040AY Datasheet HTML 23Page - STMicroelectronics VNQ7040AY Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
Electrical specification
VNQ7040AY
20/50
DocID027406 Rev 4
Figure 9: Bulb Mode - current sense precision vs. IOUT
2.3.3
Electrical characteristics curves - Bulb Mode
Figure 10: OFF-state output current
Figure 11: Standby current
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
65.0
0
1
2
3
4
5
6
7
%
I
OUT [A]
Current sense uncalibrated precision
Current sense calibrated precision
-100
0
100
200
300
400
500
600
700
800
900
1000
-50
-25
0
25
50
75
100
125
150
175
T [°C]
Iloff [nA]
Off State
Vcc = 13V
Vin = Vout = 0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
175
T [°C]
ISTBY [µA]
Vcc = 13V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com