Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ7040AYTR Datasheet(PDF) 40 Page - STMicroelectronics

Part # VNQ7040AYTR
Description  Quad channel high-side driver with MultiSense analog feedback for automotive applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7040AYTR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button VNQ7040AYTR Datasheet HTML 36Page - STMicroelectronics VNQ7040AYTR Datasheet HTML 37Page - STMicroelectronics VNQ7040AYTR Datasheet HTML 38Page - STMicroelectronics VNQ7040AYTR Datasheet HTML 39Page - STMicroelectronics VNQ7040AYTR Datasheet HTML 40Page - STMicroelectronics VNQ7040AYTR Datasheet HTML 41Page - STMicroelectronics VNQ7040AYTR Datasheet HTML 42Page - STMicroelectronics VNQ7040AYTR Datasheet HTML 43Page - STMicroelectronics VNQ7040AYTR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
Package and PCB thermal data
VNQ7040AY
40/50
DocID027406 Rev 4
Table 20: PCB properties
Dimension
Value
Board finish thickness
1.6 mm +/- 10%
Board dimension
129 mm x 60 mm
Board Material
FR4
Cu thickness (outer layers)
0.070 mm
Cu thickness (inner layers)
0.035 mm
Thermal vias separation
1.2 mm
Thermal via diameter
0.3 mm +/- 0.08 mm
Cu thickness on vias
0.025 mm
Footprint dimension
4.1 mm x 6.5 mm
Figure 48: Rthj-amb vs PCB copper area in open box free air condition
30
35
40
45
50
55
60
65
70
0
2
4
6
8
10
RTHjamb
RTHjamb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com