Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6390D Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6390D
Description  High voltage high/low-side driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6390D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6390D Datasheet HTML 2Page - STMicroelectronics L6390D Datasheet HTML 3Page - STMicroelectronics L6390D Datasheet HTML 4Page - STMicroelectronics L6390D Datasheet HTML 5Page - STMicroelectronics L6390D Datasheet HTML 6Page - STMicroelectronics L6390D Datasheet HTML 7Page - STMicroelectronics L6390D Datasheet HTML 8Page - STMicroelectronics L6390D Datasheet HTML 9Page - STMicroelectronics L6390D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Electrical data
L6390
6/25
DocID14493 Rev 11
3.3
Recommended operating conditions
Table 4. Recommended operating conditions
Symbol
Pin
Parameter
Test condition
Min.
Max.
Unit
VCC
4
Supply voltage
-
12.5
20
V
VBO(1)
1. VBO = VBOOT - VOUT.
16 - 14 Floating supply voltage
-
12.4
20
V
VOUT
14
DC output voltage
-
- 9(2)
2. LVG off. VCC = 12.5 V. Logic is operational if VBOOT > 5 V. Refer to the AN2738 for more details.
580
V
fsw
-
Switching frequency
HVG, LVG load CL = 1 nF
-
800
kHz
TJ
-
Junction temperature
-
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com