Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL33C8VATR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM32WL33C8VATR
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33C8VATR Datasheet(HTML) 5 Page - STMicroelectronics

  STM32WL33C8VATR Datasheet HTML 1Page - STMicroelectronics STM32WL33C8VATR Datasheet HTML 2Page - STMicroelectronics STM32WL33C8VATR Datasheet HTML 3Page - STMicroelectronics STM32WL33C8VATR Datasheet HTML 4Page - STMicroelectronics STM32WL33C8VATR Datasheet HTML 5Page - STMicroelectronics STM32WL33C8VATR Datasheet HTML 6Page - STMicroelectronics STM32WL33C8VATR Datasheet HTML 7Page - STMicroelectronics STM32WL33C8VATR Datasheet HTML 8Page - STMicroelectronics STM32WL33C8VATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 91 page
background image
1.1
Glossary
Table 1. Definition of terms
Acronym
Description
AES
Advanced encryption standard hardware accelerator
AHB
Advanced high-performance bus
APB
Advanced peripheral bus
BOR
Brown out reset
CHF
Channel filter
CRC
Cyclic redundancy check
DMAMUX
Direct memory access multiplexer
ETSI
European telecommunications standards institute
GFSK
Gaussian frequency shift keying
HSE
High speed external clock oscillator
HSI
High speed Internal clock oscillator
IRQ
Interrupt request
LDO
Low drop output
LPWAN
Low-power wide-area network
LSE
Low-speed external clock oscillator
LSI
Low-speed internal clock oscillator
OTP
One time programmable
PDR
Power down reset
POR
Power on reset
PVD
Programmable voltage detector
PWR
Power controller
SMPS
Switch mode power supply
SPI
Serial peripheral interface (communication standard)
SWD
Single wire debug
LPAWUR
Low power autonomous wakeup radio
SYSCFG
System configuration
TIM
Timer
VREF
Voltage reference
WFI
Wait for instruction (Arm instruction entering low power mode)
WDG
Watchdog
STM32WL33xx
Introduction
DS14221 - Rev 5
page 5/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com