Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PV8F2Y011206M11 Datasheet(PDF) 1 Page - E-SWITCH

Part # PV8F2Y011206M11
Description  PV8 Series Anti-va ndal Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PV8F2Y011206M11 Datasheet(HTML) 1 Page - E-SWITCH

  PV8F2Y011206M11 Datasheet HTML 1Page - E-SWITCH PV8F2Y011206M11 Datasheet HTML 2Page - E-SWITCH PV8F2Y011206M11 Datasheet HTML 3Page - E-SWITCH PV8F2Y011206M11 Datasheet HTML 4Page - E-SWITCH PV8F2Y011206M11 Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.e-switch.com
800.867.2717
1
RoHS
Audio / Visual
Security Devices
Industrial Controls
Electrical Housewares
Kiosks
SpecificationS
part number configurator
featureS & benefitS
applicationS / marketS
PV8 SerieS Anti-VAndAl Switch
Specifications subject to change without notice 12.22.2017
• 25mm diameter panel cutout
• LED color options
• Dot, ring or power symbol illumination available
• Multiple function options
• IP65 rated
• SPDT & DPDT arrangements
Electrical Rating: 2A, 48VDC
Electrical Life: 50,000 Cycles
Contact Resistance: 50mΩ Max.
Insulation Resistance: 1000 MΩ Min. @ 500VDC
Dielectric Strength: 2,000VAC
Operating/Storage Temperature: -20°C to 55°C
Travel: 2.80mm
Moisture Protection: IP65
Contact Arrangement: SPDT& DPDT
Actuation Force: 6.5 N
Panel Thickness: 1-10mm for Momentary
1-12mm for Maintained
Mounting Nut Torque: 5-14Nm
PV8
F - Flat
0 - 2A,
48VDC
1 - Black
Anodized
N - Nickel
Plated
S - Stainless
Steel
M11 - Power
symbol laser
etched
M14 - Power
symbol / Ring
Illumination
Series
Actuator
Options
Rating
Options
Body
Finish
Options
Graphic
(Optional)
Medical Equipment
2 - Solder
Terminal
Options
T - 2 Pole
1P Off-On +
1P On-Off
Y - 2 Pole
1P Off-(On) +
1P On-(Off)
U - 4 Pole
2P Off-On +
2P On-Off
V - 4 Pole
2P Off-(On) +
2P On-(Off)
Function
Options
1 - Black
Anodized
N - Nickel
Plated
S - Stainless
Steel
Actuator
Finish
Options
NONE - Non-
Illuminated
2 - Dot
Illumination
3 - Ring
Illumination
Lens
Style
Options
NONE- Non-
Illuminated
0 - White
1 - Red
2 - Orange
3 - Green
4 - Blue
5 - Yellow
LED-
Color
Options
NONE - Non-
Illuminated
1 - Base Voltage
3 - 6V
4 - 12V
5 - 24V
6 - 125V
7 - 250V
Illumination
Voltage
Options
NOTES:
*( ) denotes function is momentary


Similar Part No. - PV8F2Y011206M11

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV8F2Y0NN-201 E-SWITCH-PV8F2Y0NN-201 Datasheet
134Kb / 1P
Vandal and Vandal Resistant, RATING: 2A 36VDC
PV8F2Y0NN-201 E-SWITCH-PV8F2Y0NN-201 Datasheet
1Mb / 1P
PV8 Series
PV8F2Y0NN-203 E-SWITCH-PV8F2Y0NN-203 Datasheet
1Mb / 1P
PV8 Series
PV8F2Y0NN-204 E-SWITCH-PV8F2Y0NN-204 Datasheet
1Mb / 1P
PV8 Series
PV8F2Y0NN-205 E-SWITCH-PV8F2Y0NN-205 Datasheet
1Mb / 1P
PV8 Series
More results

Similar Description - PV8F2Y011206M11

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV0 E-SWITCH-PV0 Datasheet
1Mb / 4P
pV0 SerieS anti-Vandal Switch
PV9 E-SWITCH-PV9 Datasheet
980Kb / 3P
pV9 SerieS anti-Vandal Switch
ULV4 E-SWITCH-ULV4 Datasheet
1Mb / 4P
ULV4 Series Anti-vandal Switch
ULV7 E-SWITCH-ULV7 Datasheet
885Kb / 4P
ulV7 SerieS anti-Vandal Switch
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
ULV8 Series Anti-vandal Switch
PV6 E-SWITCH-PV6_16 Datasheet
842Kb / 2P
pV6 SerieS anti-Vandal Switch
logo
Hammond Manufacturing L...
260G HAMMOND-260G Datasheet
124Kb / 2P
Plate & Filament - 22 VA to 248 VA 260 Series
2/6/2021
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
logo
E-SWITCH
PVK4 E-SWITCH-PVK4 Datasheet
1Mb / 8P
PVK4 Series Anti-vandal Switch
11.29.2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com