Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB3302 Datasheet(PDF) 1 Page - Kingbor Technology Co

Part # KB3302
Description  2Amp, 2MHz Step-up Switching regulator with Soft-Start
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3302 Datasheet(HTML) 1 Page - Kingbor Technology Co

  KB3302 Datasheet HTML 1Page - Kingbor Technology Co KB3302 Datasheet HTML 2Page - Kingbor Technology Co KB3302 Datasheet HTML 3Page - Kingbor Technology Co KB3302 Datasheet HTML 4Page - Kingbor Technology Co KB3302 Datasheet HTML 5Page - Kingbor Technology Co KB3302 Datasheet HTML 6Page - Kingbor Technology Co KB3302 Datasheet HTML 7Page - Kingbor Technology Co KB3302 Datasheet HTML 8Page - Kingbor Technology Co KB3302 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
■
Up to 95% Efficiency
■
TDB uA No Load Current
■
1000mA Output Current
■
1.5V to 16V Input Voltage Range
■
Programmable switching frequency up to 2MHz
■
Output voltage up to 32V
■
Constant switching frequency current-mode control
■
1.23V Reference Allows Low Output Voltages
■
Shutdown Mode Draws 10
µA Supply Current
■
Low saturation voltage switch: 220mV at 2A
■
Overtemperature Protected,Soft-Start function
■
8-Pin MSOP Packages
■
Flat screen LCD bias supplies
■ TFT bias supplies
■ XDSL power supplies
■ Medical equipment
■ Digital video cameras
■ Portables devices
KB3302
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
APPLICATIONS
FEATURES
DESCRIPTION
TYPICAL APPLICATION
Figure 1. 1.2MHzAll Ceramic Capacitor Single Li-ion Cell
to 5V Boost Converter.
regulator with Soft-Start
2Amp, 2MHz Step-up Switching
VIN = 3.3V
TO 4.2V
VOUT
5.0V
1000mA
GND
VIN
C1
L1
3.3
µH
R1
300k
C3
22
µF
6
7
KB3302
MSOP8
4.7
µF
The KB3302 is a high-frequency current-mode step-up
switching regulator with an integrated 2A power transis-
tor. Its high switching frequency (programmable up to
2MHz) allows the use of tiny surface-mount external pas-
sive components. Programmable soft-start eliminates high
inrush current during start-up. The internal switch is rated
at 32V making the converter suitable for high voltage ap-
plications such as Boost, SEPIC and Flyback.
The operating frequency of the KB3302 can be set with an
external resistor. The ability to set the operating frequency
gives the KB3302 design flexibilities. A dedicated COMP
pin allows optimization of the loop response. The KB3302
■ White LED power supplies
L1: Sumida CR43
1N5819
SW
5
R2
100k
R3
17.4k
1nF
R3
10.7k
100nF
SHDN
SS
FB
COMP
ROSC
3
2
50
55
60
65
70
75
80
85
90
95
0.001
0.010
0.100
1.000
Load Current (A)
VOUT = 5V
VIN = 2.6V
1.2MHz
VIN = 3.6V
VIN = 4.2V
KB3302 Efficiency
4
8
1
is available in thermally enhanced 8-Pin MSOP packages.


Similar Part No. - KB3302

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3301 KINGBOR-KB3301 Datasheet
97Kb / 5P
Step-up DC/DC converter
KB3301MR KINGBOR-KB3301MR Datasheet
97Kb / 5P
Step-up DC/DC converter
KB3301PR KINGBOR-KB3301PR Datasheet
97Kb / 5P
Step-up DC/DC converter
More results

Similar Description - KB3302

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8435 SII-S-8435 Datasheet
2Mb / 42P
STEP-UP SWITCHING REGULATOR
logo
Semtech Corporation
SC4502 SEMTECH-SC4502 Datasheet
407Kb / 19P
1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4501 SEMTECH-SC4501 Datasheet
620Kb / 21P
2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4521 SEMTECH-SC4521 Datasheet
322Kb / 18P
3A Step-Down Switching Regulator with Programmable Soft Start
logo
Linear Technology
LT3467 LINER-LT3467 Datasheet
268Kb / 16P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467 LINER-LT3467_15 Datasheet
276Kb / 18P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467A LINER-LT3467A_15 Datasheet
276Kb / 18P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
logo
Seiko Instruments Inc
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com