Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB4540 Datasheet(PDF) 3 Page - Kingbor Technology Co

Part # KB4540
Description  Li-Ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4540 Datasheet(HTML) 3 Page - Kingbor Technology Co

  KB4540 Datasheet HTML 1Page - Kingbor Technology Co KB4540 Datasheet HTML 2Page - Kingbor Technology Co KB4540 Datasheet HTML 3Page - Kingbor Technology Co KB4540 Datasheet HTML 4Page - Kingbor Technology Co KB4540 Datasheet HTML 5Page - Kingbor Technology Co KB4540 Datasheet HTML 6Page - Kingbor Technology Co KB4540 Datasheet HTML 7Page - Kingbor Technology Co KB4540 Datasheet HTML 8Page - Kingbor Technology Co KB4540 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: The KB4540E-4.2 and the KB4540XE-4.2 are guaranteed to meet
performance specifications from 0
°C to 70°C. Specifications over the
–40
°C to 85°C operating temperature range are assured by design,
characterization and correlation with statistical process controls.
Note 3: See Thermal Considerations.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TLIM
Junction Temperature in Constant
120
°C
Temperature Mode
RON
Power FET “ON” Resistance
600
m
Ω
(Between VCC and BAT)
tSS
Soft-Start Time
IBAT = 0 to IBAT =1000V/RPROG
100
µs
tRECHARGE
Recharge Comparator Filter Time
VBAT High to Low
0.75
2
4.5
ms
tTERM
Termination Comparator Filter Time
IBAT Falling Below ICHG/10
400
1000
2500
µs
IPROG
PROG Pin Pull-Up Current
3
µA
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25
°C. VCC = 5V, unless otherwise noted.
Note 4: Supply current includes PROG pin current (approximately 100
µA)
but does not include any current delivered to the battery through the BAT
pin (approximately 100mA).
Note 5: This parameter is not applicable to the KB4540X.
Note 6: ITERM is expressed as a fraction of measured full charge current
with indicated PROG resistor.
PROG Pin Voltage vs Supply
Voltage(Constant Current Mode)
PROG Pin Voltage vs
Temperature
Charge Current vs
PROG Pin Voltage
VCC (V)
4.0
1.015
1.010
1.005
1.000
0.995
0.990
0.985
4.5
5.0
5.5
6.0
6.5
7.0
TEMPERATURE (
°C)
–50
–25
0
50
25
75
100
1.0100
1.0075
1.0050
1.0025
1.0000
0.9975
0.9950
0.9925
0.9900
VPROG (V)
0
600
500
400
300
200
100
0
0.25
0.50
0.75
1.00
1.25
VCC = 5V
VBAT = 4V
TA = 25°C
RPROG = 10k
VCC = 5V
VBAT = 4V
RPROG = 10k
VCC = 5V
TA = 25°C
RPROG = 2k
KB4540
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com