Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4511 Datasheet(PDF) 4 Page - Texas Instruments

Part # CD54HC4511
Description  CDx4HC4511, CD74HCT4511 BCD-to-7 Segment Latch/Decoder/Drivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC4511 Datasheet(HTML) 4 Page - Texas Instruments

  CD54HC4511 Datasheet HTML 1Page - Texas Instruments CD54HC4511 Datasheet HTML 2Page - Texas Instruments CD54HC4511 Datasheet HTML 3Page - Texas Instruments CD54HC4511 Datasheet HTML 4Page - Texas Instruments CD54HC4511 Datasheet HTML 5Page - Texas Instruments CD54HC4511 Datasheet HTML 6Page - Texas Instruments CD54HC4511 Datasheet HTML 7Page - Texas Instruments CD54HC4511 Datasheet HTML 8Page - Texas Instruments CD54HC4511 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage
– 0.5
7
V
IIK
Input diode current
VI < – 0.5 V or VI > VCC + 0.5 V (1)
±20
mA
IOK
Output diode current
VO < – 0.5 V or VO > VCC + 0.5 V (1)
±20
mA
IO
Output source or sink current per output pin
VO = 0 to VCC
±25
mA
Continuous current through VCC or GND
±50
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature range
– 65
150
°C
Lead temperature (During Soldering)
At distance 1/16 ± 1/32 in (1.59 ± 0.79
mm) from case for 10 s maximum
265
°C
Unit inserted into a PC board (minimum
thickness 1/16 in, 1.59 mm) (with solder
contacting lead tips only)
300
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability
5.2 Recommended Operating Conditions for 'HC4511(1)
TA = 25°C
TA = – 55°C to
125°C
TA = – 40°C to
85°C
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply voltage
2
6
2
6
2
6
V
VIH
High-level input voltage
VCC = 2 V
1.5
1.5
1.5
V
VCC = 4.5 V
3.15
3.15
3.15
VCC = 6 V
4.2
4.2
4.2
VIL
Low-level input voltage
VCC = 2 V
0.5
0.5
0.5
V
VCC = 4.5 V
1.35
1.35
1.35
VCC = 6 V
1.8
1.8
1.8
VI
Input voltage
0
VCC
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
0
VCC
V
tt
Input transition rise/fall time
VCC = 2 V
1000
1000
1000
ns
VCC = 4.5 V
500
500
500
VCC = 6 V
400
400
400
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report
Implications of Slow or Floating SMOS Inputs, literature number SCBA004.
5.3 Recommended Operating Conditions for CD74HCT4511(1)
TA = – 55°C to 125°C TA = – 55°C to 125°C TA = – 40°C to 85°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
VCC
Supply Voltage
4.5
5.5
4.5
5.5
4.5
5.5 V
VIH
High-level input voltage
2
2
2
V
VIL
Low-level input voltage
0.8
0.8
0.8
VI
Input voltage
VCC
VCC
VCC V
VO
Output voltage
VCC
VCC
VCC V
CD54HC4511, CD74HC4511, CD74HCT4511
SCHS279E – DECEMBER 1998 – REVISED AUGUST 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC4511 CD74HC4511 CD74HCT4511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com