Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE421ARGET Datasheet(PDF) 12 Page - Texas Instruments

Part # CDCE421ARGET
Description  Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE421ARGET Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCE421ARGET Datasheet HTML 8Page - Texas Instruments CDCE421ARGET Datasheet HTML 9Page - Texas Instruments CDCE421ARGET Datasheet HTML 10Page - Texas Instruments CDCE421ARGET Datasheet HTML 11Page - Texas Instruments CDCE421ARGET Datasheet HTML 12Page - Texas Instruments CDCE421ARGET Datasheet HTML 13Page - Texas Instruments CDCE421ARGET Datasheet HTML 14Page - Texas Instruments CDCE421ARGET Datasheet HTML 15Page - Texas Instruments CDCE421ARGET Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
CDCE421A
SCAS873 – APRIL 2009..................................................................................................................................................................................................... www.ti.com
Table 6 summarizes the contents and functions of the output bit-stream. Note that bit 0 is clocked out first.
Table 6. Register Readback Mode: Output Bit-Stream
OUTPUT BIT-STREAM
FUNCTION
Bit[0:2]
Revision identifier (MSB first)
Bit[3:8]
VCO calibration word
Bit[9]
EEPROM Status:
0 = EEPROM has never been written
1 = EEPROM has been programmed before
Bit[10]
EEPROM Lock:
0 = EEPROM can be rewritten
1 = EEPROM is locked; rewriting the EEPROM is no longer possible
Bit[11:18]
Storage value Word5 (MSB first)
Bit[19:26]
Storage value Word4 (MSB first)
Bit[27:34]
Storage value Word3 (MSB first)
Bit[35:42]
Storage value Word2 (MSB first)
Bit[43:50]
Storage value Word1 (MSB first)
Bit[51:58]
Storage value Word0 (MSB first)
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE421A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com