Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVC1103 Datasheet(PDF) 11 Page - Texas Instruments

Part # CDCLVC1103
Description  CDCLVC11xx 3.3-V and 2.5-V LVCMOS High-Performance Clock Buffer Family
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVC1103 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCLVC1103 Datasheet HTML 7Page - Texas Instruments CDCLVC1103 Datasheet HTML 8Page - Texas Instruments CDCLVC1103 Datasheet HTML 9Page - Texas Instruments CDCLVC1103 Datasheet HTML 10Page - Texas Instruments CDCLVC1103 Datasheet HTML 11Page - Texas Instruments CDCLVC1103 Datasheet HTML 12Page - Texas Instruments CDCLVC1103 Datasheet HTML 13Page - Texas Instruments CDCLVC1103 Datasheet HTML 14Page - Texas Instruments CDCLVC1103 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
11
CDCLVC1102, CDCLVC1103, CDCLVC1104
CDCLVC1106, CDCLVC1108, CDCLVC1110, CDCLVC1112
www.ti.com
SCAS895B – MAY 2010 – REVISED FEBRUARY 2017
Product Folder Links: CDCLVC1102 CDCLVC1103 CDCLVC1104 CDCLVC1106 CDCLVC1108 CDCLVC1110
CDCLVC1112
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The CDCLVC11xx family is a low additive jitter LVCMOS buffer solution that can operate up to 250 MHz at and
180 MHz at VDD = 2.5 V. Low output skew as well as the ability for asynchronous output enable is featured to
simultaneously enable or disable buffered clock outputs as necessary in the application.
9.2 Typical Application
Figure 10. Example System Configuration
9.2.1 Design Requirements
The CDCLVC11xx shown in Figure 10 is configured to fan out a 100-MHz signal from a local LVCMOS oscillator.
The CPU is configured to control the output state through 1G.
The configuration example is driving three LVCMOS receivers in a backplane application with the following
properties:
•
The CPU clock can accept a full swing DC-coupled LVCMOS signal. A series resistor is placed near the
CDCLVC11xx to closely match the characteristic impedance of the trace to minimize reflections.
•
The FPGA clock is similarly DC-coupled with an appropriate series resistor placed near the CDCLVC11xx.
•
The PLL in this example can accept a lower amplitude signal, so a Thevenin's equivalent termination is used.
The PLL receiver features internal biasing, so AC coupling can be used when common-mode voltage is
mismatched.
9.2.2 Detailed Design Procedure
Refer to Figure 5 and the Electrical Characteristics table to determine the appropriate series resistance needed
for matching the output impedance of the CDCLVC11xx to that of the characteristic impedance of the
transmission line.
Unused outputs can be left floating. See the Power Supply Recommendations section for recommended filtering
techniques.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com