Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA2128 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TEA2128
Description  COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2128 Datasheet(HTML) 4 Page - STMicroelectronics

  TEA2128 Datasheet HTML 1Page - STMicroelectronics TEA2128 Datasheet HTML 2Page - STMicroelectronics TEA2128 Datasheet HTML 3Page - STMicroelectronics TEA2128 Datasheet HTML 4Page - STMicroelectronics TEA2128 Datasheet HTML 5Page - STMicroelectronics TEA2128 Datasheet HTML 6Page - STMicroelectronics TEA2128 Datasheet HTML 7Page - STMicroelectronics TEA2128 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(TAMB =25
oC; VCC = 12V; Pulse duration 50% of the amplitude)
Symbol
Parameter
Pins
Test conditions
Min.
Typ.
Max.
Unit
NOISE GATE
Measure sampling time
5
On the synch. pulse bottom
2
µs
Max. push out current
Max. noise
350
µA
VCR switch inhibition threshold
7.3
V
Measure bandwidth (-3dB)
700
2000
kHz
Short time constant manual
switching threshold
Active under threshold
4.5
5
5.5
V
Long time constant
From lower to higher voltage
6.9
7.3
7.6
V
Manual switching threshold
From higher to lower voltage
6.8
7.2
7.5
V
φ 2 COMPARATOR (Pin 14)
Output current
During line flyback
± 600
µA
Delay between
φ 2 falling edge
and the middle video sync. pulse
23 -4
FVCO = 500 kHz
2.8
µs
LINE MONOSTABLE
Charge current
19
Line output high
- 67
µA
Discharge current
19
Line output low
120
µA
Flip-Flop threshold
19
Falling edge on the line output
1.3
V
LINE OUTPUT
Low level
20
I20=20 mA
1
V
Pulse duration
R18 = 3.32k
Ω ,C19 = 1.5nF
27.5
29
30.5
µs
φ 2 adjustment range
20
Controlled by V23 compared
with video signal
16
µs
LINE SAW-TOOTH
Charge Current
17
R18 = 3.32 k
Ω
- 180
µA
Discharge Current
17
7
mA
Discharge Duration
Controlled by logic VCO 500kHz
6.5
µs
LINE FLYBACK INPUT
Blanking Line Threshold
22
0.38
0.4
0.42
V
φ 2 Loop Threshold and Line
Output Inhibition
20
2.85
3
3.15
V
Input Current
- 0.4V < V22 < 0.4V
0.4V < V22 <3V
3V < V22
-10
-5
-1
µA
µA
µA
SUPER SANDCASTLE GENERATOR
Burst Level
21
RL = 2.2 k
Ω to ground
9V
Line Blanking
21
4
4.5
5
V
Frame Blanking
21
2
2.5
3
V
Delay between the midde of the
video sync. pulse and the rising
edge of the burst (t1)
21
2.8
µs
t
1
TEA2128
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com