Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5686IPZP1G4 Datasheet(PDF) 20 Page - Texas Instruments

Part # DAC5686IPZP1G4
Description  16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5686IPZP1G4 Datasheet(HTML) 20 Page - Texas Instruments

Back Button DAC5686IPZP1G4 Datasheet HTML 16Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 17Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 18Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 19Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 20Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 21Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 22Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 23Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
Complex Input
Spectra to
Quadrature
Modulator
0
ω
ω
c
–
ω
c
0
ω
0
ω
0
ω
0
ω
rspect = 0
ssb = 0
rspect = 1
ssb = 0
rspect = 1
ssb = 1
rspect = 0
ssb = 1
Complex Input
Spectrum
to DAC5686
ω
c
–
ω
c
ω
c
–
ω
c
ω
c
–
ω
c
M0017-01
DAC Gain and Offset Control
Dual-Channel Real Up-Conversion With NCO Set to fDAC/2
DAC5686
SLWS147F – APRIL 2003 – REVISED JUNE 2009 ............................................................................................................................................................ www.ti.com
Figure 22. Complex Input Spectrum and DAC Output Spectra
To compensate for the sinx/x rolloff of the zero-order hold of the DACs, the DAC5686 provides an inverse sinc
FIR, which provides high-frequency boost. The magnitude spectral response of this filter is presented in the
Digital Filters section.
Unmatched gains and offsets at the RF quadrature modulator result in unwanted sideband and local-oscillator
feedthrough. Gain and offset imbalances between the two DACs are compensated for by programming
daca_gain, dacb_gain, daca_offset, and dacb_offset in registers 0x0A through 0x0F (see the following
register descriptions). The DAC gain value controls the full-scale output current. The DAC offset value adds a
digital offset to the digital data before digital-to-analog conversion. Care must be taken when using the offset by
restricting the dynamic range of the digital signal to prevent saturation when the offset value is added to the
digital signal.
The final interpolation filter in the DAC5686 can be converted from a low-pass filter to a high-pass filter by
multiplying the interpolation filter output by the (–1)N = 1, –1, 1, –1, … sequence generated by the NCO in
single-sideband mode. The high-pass filter selects a spectrally inverted image at fDAC/2 – fIF, where fIF is the
center frequency of the input spectrum. Note that in this mode fDAC is limited by the 320-MHz maximum
frequency for NCO operation.
20
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com