Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7750 Datasheet(PDF) 34 Page - Texas Instruments

Part # DAC7750
Description  DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7750 Datasheet(HTML) 34 Page - Texas Instruments

Back Button DAC7750 Datasheet HTML 30Page - Texas Instruments DAC7750 Datasheet HTML 31Page - Texas Instruments DAC7750 Datasheet HTML 32Page - Texas Instruments DAC7750 Datasheet HTML 33Page - Texas Instruments DAC7750 Datasheet HTML 34Page - Texas Instruments DAC7750 Datasheet HTML 35Page - Texas Instruments DAC7750 Datasheet HTML 36Page - Texas Instruments DAC7750 Datasheet HTML 37Page - Texas Instruments DAC7750 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
8.6.1.5 Status Register
This read-only register consists of four ALARM status bits (CRC-FLT, WD-FLT, I-FLT, and T-FLT) and the SR-ON
bit that shows the slew rate status, as shown in Table 8-18.
Table 8-18. Status Register
DATA BIT(S)
NAME
DEFAULT
DESCRIPTION
DB15:DB5
Reserved
000 0000 0000
Reserved. Reading these bits returns 0.
DB4
CRC-FLT
0
Bit = 1 indicates CRC error on SPI frame.
Bit = 0 indicates normal operation.
DB3
WD-FLT
0
Bit = 1 indicates watchdog timer timeout.
Bit = 0 indicates normal operation.
DB2
I-FLT
0
Bit = 1 indicates an open circuit or a compliance voltage violation in IOUT
loading.
Bit = 0 indicates IOUT load is at normal condition.
DB1
SR-ON
0
Bit = 1 when DAC code is slewing as determined by SRCLK and SRSTEP.
Bit = 0 when DAC code is not slewing.
DB0
T-FLT
0
Bit = 1 indicates die temperature is over 142°C.
Bit = 0 indicates die temperature is not over 142°C.
These devices continuously monitor the current output and die temperature. When an alarm occurs, the
corresponding ALARM status bit is set (1). Whenever an ALARM status bit is set, it remains set until the event
that caused it is resolved. The ALARM bit can only be cleared by performing a software reset, a power-on reset
(by cycling power), or by having the error condition resolved. These bits are reasserted if the alarm condition
continues to exist in the next monitoring cycle.
The ALARM bit goes to 0 when the error condition is resolved.
DAC7750, DAC8750
SBAS538D – DECEMBER 2013 – REVISED DECEMBER 2021
www.ti.com
34
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7750 DAC8750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com