Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7750IPWPR Datasheet(PDF) 29 Page - Texas Instruments

Part # DAC7750IPWPR
Description  DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7750IPWPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button DAC7750IPWPR Datasheet HTML 25Page - Texas Instruments DAC7750IPWPR Datasheet HTML 26Page - Texas Instruments DAC7750IPWPR Datasheet HTML 27Page - Texas Instruments DAC7750IPWPR Datasheet HTML 28Page - Texas Instruments DAC7750IPWPR Datasheet HTML 29Page - Texas Instruments DAC7750IPWPR Datasheet HTML 30Page - Texas Instruments DAC7750IPWPR Datasheet HTML 31Page - Texas Instruments DAC7750IPWPR Datasheet HTML 32Page - Texas Instruments DAC7750IPWPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
8.4.6 HART Interface
For the DACx750, HART digital communication can be modulated onto the input signal by the methods shown in
the following subsections. For more detail, see Implementing HART Communication with the DAC8760 Family.
8.4.6.1 Implementing HART in 4-mA to 20-mA Mode
This method is limited to the case where the RANGE bits of the Control Register are programmed to the 4-mA
to 20-mA range. Some applications require going beyond the 4-mA to 20-mA range. In those cases, see the
methods described in the next subsection.
The external HART signal (ac voltage; 500 mVPP, 1200 Hz, and 2200 Hz) can be capacitively coupled in through
the HART-IN pin and transferred to a current that is superimposed on the 4-mA to 20-mA current output. The
HART-IN pin has a typical input impedance of 35 kΩ that together with the input capacitor used to couple the
external HART signal, forms a filter to attenuate frequencies beyond the HART band-pass region. In addition
to this filter, an external passive filter is recommended to complete the filtering requirements of the HART
specifications. Figure 8-7 shows the output current versus time operation for a typical HART signal. Table 8-6
specifies the performance of the HART-IN pin.
Bit
Boundary
Phase
Continuous
2200 Hz
(space)
1200 Hz
(mark)
Time
5.5 mA
6.5 mA
6.0 mA
Bit Cell Time = 833 s
m
DC current = 6 mA.
Figure 8-7. Output Current vs Time
Table 8-6. HART-IN Pin Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input impedance
HART signal ac-coupled into pin
35
Output current (peak-to-peak)
Input signal of 500 mV (peak-to-peak)
0.9
1
1.1
mA
8.4.6.2 Implementing HART in All Current Output Modes
The use of the HART-IN pin to implement HART modulation is limited to the case where the RANGE bits of the
Section 8.6.1.1 are set to the 4-mA to 20-mA range. If it is desirable to implement HART in all current-output
modes, see Section 9.1.1.
www.ti.com
DAC7750, DAC8750
SBAS538D – DECEMBER 2013 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: DAC7750 DAC8750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com