Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC60004IPW Datasheet(PDF) 39 Page - Texas Instruments

Part # DAC60004IPW
Description  DACx0004, Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC60004IPW Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC60004IPW Datasheet HTML 35Page - Texas Instruments DAC60004IPW Datasheet HTML 36Page - Texas Instruments DAC60004IPW Datasheet HTML 37Page - Texas Instruments DAC60004IPW Datasheet HTML 38Page - Texas Instruments DAC60004IPW Datasheet HTML 39Page - Texas Instruments DAC60004IPW Datasheet HTML 40Page - Texas Instruments DAC60004IPW Datasheet HTML 41Page - Texas Instruments DAC60004IPW Datasheet HTML 42Page - Texas Instruments DAC60004IPW Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
14X (0.65)
14X (0.25)
(1.5)
(2.75)
12X (0.5)
(3.4)
(
) VIA
TYP
0.2
(1) TYP
(1.2)
TYP
VSON - 1 mm max height
DMD0014A
PLASTIC SMALL OUTLINE - NO LEAD
4221688/A 09/2014
SYMM
1
7
8
14
SYMM
LAND PATTERN EXAMPLE
SCALE:20X
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
SOLDER MASK
OPENING
SOLDER MASK
METAL UNDER
SOLDER MASK
DEFINED
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com