Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8750IPWP Datasheet(PDF) 36 Page - Texas Instruments

Part # DAC8750IPWP
Description  DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8750IPWP Datasheet(HTML) 36 Page - Texas Instruments

Back Button DAC8750IPWP Datasheet HTML 32Page - Texas Instruments DAC8750IPWP Datasheet HTML 33Page - Texas Instruments DAC8750IPWP Datasheet HTML 34Page - Texas Instruments DAC8750IPWP Datasheet HTML 35Page - Texas Instruments DAC8750IPWP Datasheet HTML 36Page - Texas Instruments DAC8750IPWP Datasheet HTML 37Page - Texas Instruments DAC8750IPWP Datasheet HTML 38Page - Texas Instruments DAC8750IPWP Datasheet HTML 39Page - Texas Instruments DAC8750IPWP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
9.1.1.2 Using the ISET-R Pin
The second method to implement HART is to couple the HART signal through the ISET-R pin when IOUT is
operated using an external RSET resistor. The FSK signal from the modem is ac-coupled into the pin through a
series combination of Rin and Cin as shown in Figure 9-2.
T2
T1
DAC
ISET-R
HART
Signal
Conditioning
R1
R3
R2
(ON Only in 4-mA
to 20-mA Range)
Cin
HART SIGNAL
RSET
15 NŸ
Rin
S1
+
A1
+
A2
CAP2
AVDD
CAP1
BOOST
R3-SENSE
IOUT
HART-IN
Figure 9-2. Implementing HART with the ISET-R pin
The magnitude of the ac-current output is calculated with Equation 6.
(VHART × k) / Rin
(6)
where
• VHART is the amplitude of the HART FSK signal from the modem
• k is a constant that represents the gain transfer function from the ISET-R pin to the IOUT pin and depends on
the selected current output range as follows:
– k = 60 for the 4-mA to 20-mA range
– k = 75 for the 0-mA to 20-mA range
– k = 90 for the 0-mA to 24-mA range
The series input resistor and capacitor form a high-pass filter at the ISET-R pin. Select Cin to make sure that all
signals in the HART extended-frequency band pass through unattenuated.
DAC7750, DAC8750
SBAS538D – DECEMBER 2013 – REVISED DECEMBER 2021
www.ti.com
36
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7750 DAC8750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com