Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC80004IPWR Datasheet(PDF) 22 Page - Texas Instruments

Part # DAC80004IPWR
Description  DACx0004, Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80004IPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC80004IPWR Datasheet HTML 18Page - Texas Instruments DAC80004IPWR Datasheet HTML 19Page - Texas Instruments DAC80004IPWR Datasheet HTML 20Page - Texas Instruments DAC80004IPWR Datasheet HTML 21Page - Texas Instruments DAC80004IPWR Datasheet HTML 22Page - Texas Instruments DAC80004IPWR Datasheet HTML 23Page - Texas Instruments DAC80004IPWR Datasheet HTML 24Page - Texas Instruments DAC80004IPWR Datasheet HTML 25Page - Texas Instruments DAC80004IPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
1
2
32XN
SCLK
SYNC
SDIN
32XN
Invalid/Interrupted Write Sequence
Output/Mode Does Not Update on the Rising SYNC
Valid Write Sequence
Output/Mode Does Update on the Rising SYNC
22
DAC80004, DAC70004, DAC60004
SLASED6D – APRIL 2016 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: DAC80004 DAC70004 DAC60004
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 56. SYNC Interrupt – Daisy-Chain Operation
8.4.2 SPI Shift Register
The SPI shift register is 32 bits wide, as shown in Table 2. The shift register command mapping is shown in
Table 3. The DACx0004 accepts DAC code in straight binary format. Note that, the DAC data is left alligned from
MSB (D19) to LSB (D4 - 16 bits, D6 - 14 bits, D8 - 12 bits).
Table 2. DACx0004 SPI Shift Register Format
D31
D30
D29
D28
D27-D24
D23-D20
D19-D04
D03-D00
Don't Cares
R/W
Command Bits
Channel Address
Bits
16/14/12-Bit DAC Data left alligned/Power
Down Bits/Device Ready bit
Mode Bits
Table 3. DAC Commands
D31 - D28
D27 - D24
D23 - D20
D19 - D16
D15 - D12
D11 - D08
D07 - D04
D03 - D00
Commands
X
W/R
0
0
0
0
Channel
Address
DAC Data
DAC Data
DAC Data
DAC Data
X
Write to buffer n
X
W
0
0
0
1
Channel
Address
X
X
X
X
X
Update DAC n
X
W
0
0
1
0
Channel
Address
DAC Data
DAC Data
DAC Data
DAC Data
X
Write to buffer n and update all
DACs (Software LDAC)
X
W
0
0
1
1
Channel
Address
DAC Data
DAC Data
DAC Data
DAC Data
X
Write to buffer and update DAC
n
X
W/R
0
1
0
0
X
X
X
X
PD1
PD0
Ch-D
Ch-C
Ch-B
Ch-A
Power up/down DAC n
X
W/R
0
1
0
1
X
X
X
X
X
X
X
CM1
CM0
Clear mode register
X
W/R
0
1
1
0
X
X
X
X
X
Ch-D
Ch-C
Ch-B
Ch-A
LDAC register
X
W
0
1
1
1
X
X
X
X
X
X
Software reset
X
W/R
1
0
0
0
X
X
X
X
X
X
DSD
0
X
Disable SDO register
X
X
1
0
0
1
X
X
X
X
X
X
Reserved
X
W/R
1
0
1
0
X
X
X
X
X
Ch-D
Ch-C
Ch-B
Ch-A
Short circuit limit register
X
W
1
0
1
1
X
X
X
X
X
X
Software clear
X
X
1
1
0
0
X
X
X
X
X
X
Reserved
X
R
1
1
0
1
X
X
X
X
X
DRDY
X
Status register
X
W
1
1
1
0
X
X
X
X
X
X
No operation (NOP)
X
X
1
1
1
1
X
X
X
X
X
X
Reserved
Table 4. Channel Address Bits
CHANNEL ADDRESS BITS
DESCRIPTION
D23
D22
D21
D20
0
0
0
0
Select channel A
0
0
0
1
Select channel B
0
0
1
0
Select channel C
0
0
1
1
Select channel D
1
1
1
1
Select all channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com