Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCSH18B104FCT Datasheet(PDF) 13 Page - Multicomp Pro

Part # MCSH18B104FCT
Description  Soft Termination Standard voltage Soft Termination Multilayer SMD Ceramic Capacitor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCSH18B104FCT Datasheet(HTML) 13 Page - Multicomp Pro

Back Button MCSH18B104FCT Datasheet HTML 7Page - Multicomp Pro MCSH18B104FCT Datasheet HTML 8Page - Multicomp Pro MCSH18B104FCT Datasheet HTML 9Page - Multicomp Pro MCSH18B104FCT Datasheet HTML 10Page - Multicomp Pro MCSH18B104FCT Datasheet HTML 11Page - Multicomp Pro MCSH18B104FCT Datasheet HTML 12Page - Multicomp Pro MCSH18B104FCT Datasheet HTML 13Page - Multicomp Pro MCSH18B104FCT Datasheet HTML 14Page - Multicomp Pro MCSH18B104FCT Datasheet HTML 15Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Page <13>
V1.1
09/09/19
Soft Termination Standard voltage Soft Termination Multilayer
SMD Ceramic Capacitor
NP0, X7R, X5R & Y5V Dielectrics, 0402 to 1812 Sizes, 6.3V to 100V, (MCSHSeries)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Appendixes:
Tape & Reel Dimensions
Size
0402
0603
0805
1206
1210
1812
Thickness
N
S, X
A
B
C, D, I
B
C, J, D
G
C, D, G
M
D, K
A0
0.7±0.1
1.02 ±0.05
1.5 ±0.1
1.5 ±0.1
<1.57
2 ±0.1
<1.85
<1.95
<2.97
<2.97
<3.81
B0
1.12±0.05
1.8 ±0.05
2.3 ±0.1
2.3 ±0.1
<2.4
3.5 ±0.1
<3.46
<3.67
<3.73
<3.73
<5.3
T
0.6±0.05
0.95 ±0.05 0.75 ±0.05 0.95 ±0.05 0.23 ±0.05 0.95 ±0.05
0.23±0.05
0.23 ±0.05 0.23 ±0.05 0.23 ±0.05
0.25±0.05
K0
-
-
-
-
<2.5
-
<2.5
<2.5
<2.5
<3
<2.5
W
8 ±0.1
8 ±0.1
8 ±0.1
8 ±0.1
8 ±0.1
8 ±0.1
8 ±0.1
8 ±0.1
8 ±0.1
8 ±0.1
12 ±0.2
P0
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
10xP0
40 ±0.1
40 ±0.1
40 ±0.1
40 ±0.1
40 ±0.1
40 ±0.1
40 ±0.1
40 ±0.1
40 ±0.1
40 ±0.1
40 ±0.1
P1
2 ±0.05
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
8 ±0.1
P2
2 ±0.05
2 ±0.05
2 ±0.05
2 ±0.05
2 ±0.05
2 ±0.05
2 ±0.05
2 ±0.05
2 ±0.05
2 ±0.05
2 ±0.05
D0
1.55±0.05
1.55 ±0.05 1.55 ±0.05
1.55±0.05
1.5 ±0.05
1.5 ±0.05
1.5 ±0.05
1.5 ±0.05
1.5 ±0.05
1.5 ±0.05
1.5 ±0.05
D1
-
-
-
-
1 ±0.1
-
1 ±0.1
1 ±0.1
1 ±0.1
1 ±0.1
1.5 ±0.1
E
1.75±0.05
1.75 ±0.05 1.75 ±0.05 1.75 ±0.05
1.75 ±0.1
1.75 ±0.1
1.75 ±0.1
1.75 ±0.1
1.75 ±0.1
1.75 ±0.1
1.75 ±0.1
F
3.5 ±0.05
3.5 ±0.05
3.5 ±0.05
3.5 ±0.05
3.5 ±0.05
3.5 ±0.05
3.5 ±0.05
3.5 ±0.05
3.5 ±0.05
3.5 ±0.05
5.5 ±0.05
The dimension of paper tape
The dimension of plastic tape
The dimension of reel
Size
0402, 0603, 0805, 1206, 1210
1812
Reel size
7"
10"
13"
7"
C
13 +0.5/-0.2
13 +0.5/-0.2
13 +0.5/-0.2
13 +0.5/-0.2
W1
8.4 +1.5/-0
8.4 +1.5/-0
8.4 +1.5/-0
12.4 +2/-0
A
178 ±0.1
250 ±1
330 ±1
178 ±0.1
N
60 +1/-0
100 ±1
100 ±1
60 +1/-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com