Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCSH18F104FCT Datasheet(PDF) 6 Page - Multicomp Pro

Part # MCSH18F104FCT
Description  Soft Termination Standard voltage Soft Termination Multilayer SMD Ceramic Capacitor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCSH18F104FCT Datasheet(HTML) 6 Page - Multicomp Pro

Back Button MCSH18F104FCT Datasheet HTML 2Page - Multicomp Pro MCSH18F104FCT Datasheet HTML 3Page - Multicomp Pro MCSH18F104FCT Datasheet HTML 4Page - Multicomp Pro MCSH18F104FCT Datasheet HTML 5Page - Multicomp Pro MCSH18F104FCT Datasheet HTML 6Page - Multicomp Pro MCSH18F104FCT Datasheet HTML 7Page - Multicomp Pro MCSH18F104FCT Datasheet HTML 8Page - Multicomp Pro MCSH18F104FCT Datasheet HTML 9Page - Multicomp Pro MCSH18F104FCT Datasheet HTML 10Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Page <6>
V1.1
09/09/19
Soft Termination Standard voltage Soft Termination Multilayer
SMD Ceramic Capacitor
NP0, X7R, X5R & Y5V Dielectrics, 0402 to 1812 Sizes, 6.3V to 100V, (MCSHSeries)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
No
Item
Test Condition
Requirements
6
Temperature
Coefficient
With no electrical load.
T.C.
Operating Temp
NPO
-55~125°C at 25°C
X7R
-55~125°C at 25°C
X5R
-55~ 85°C at 25°C
X6S
-55~105°C at 25°C
Y5V
-25~ 85°C at 20°C
T.C.
Capacitance Change
NPO
Within ±30ppm/°C
X7R
Within ±15%
X5R
Within ±15%
X6S
Within ±22%
Y5V
Within +30%/-80%
7
Adhesive
Strength of
Termination
Pressurizing force:
5N(≤0603)and10N(>0603)
Test time: 10±1 sec.
Noremarkabledamageorremovaloftheterminations.
8
Vibration
Resistance
Vibration frequency: 10~55 Hz/min.
Total amplitude: 1.5mm
Test time: 6 hrs. (Two hrs each in three
mutually perpendicular directions.)
Measurementtobemadeafterkeeping
at room temp. for 24±2 hrs.
Noremarkabledamage.
CapchangeandQ/D.F.:Tomeetinitialspec.
9
Solderability
Solder temperature: 235±5°C
Dipping time: 2±0.5 sec.
95% min. coverage of all metalized area.
10 Bending Test
The middle part of substrate shall be
pressurized by means of the pressur-
izing rod at a rate of about 1mm per
seconduntilthedeflectionbecomes:
5mm and then the pressure shall be
maintained for 5±1 sec.
Measurementtobemadeafterkeeping
at room temp. for 24±2 hrs.
Noremarkabledamage.
Cap change:
NP0: within ±5% or 0.5pF whichever is larger
X7R, X5R, X6S: within ±12.5%
Y5V: within ±30%
(This capacitance change means the change of capacitance
underspecifiedflexureofsubstratefromthecapacitance
measured before the test.)
11
Resistance
to Soldering
Heat
Solder temperature: 260±5°C
Dipping time: 10±1 sec
Preheating: 120 to 150°C for 1 minute
before immerse the capacitor in a
eutectic solder.
Before initial measurement (Class II
only): Perform 150+0/-10°C for 1 hr and
then set for 24±2 hrs at room temp.
Measurementtobemadeafterkeeping
at room temp. for 24±2 hrs.
Noremarkabledamage.
Cap change:
NP0: within ±2.5% or 0.25pF whichever is larger
X7R, X5R, X6S: within ±7.5%
Y5V: within ±20%
Q/D.F.,I.R.anddielectricstrength:Tomeetinitial
requirements.
25%max.leachingoneachedge.
12 Temperature
Cycle
*Conductthefivecyclesaccordingto
the temperatures and time.
Step
Temp. (°C)
Time (min.)
1
Min. operating
temp. +0/-3
30±3
2
Room temp.
2~3
3
Max.operating
temp. +3/-0
30±3
4
Room temp.
2~3
Noremarkabledamage.
Cap change:
NP0: within ±2.5% or 0.25pF whichever is larger
X7R, X5R, X6S: within ±7.5%
Y5V: within ±20%
Q/D.F.,I.R.anddielectricstrength:Tomeetinitial
requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com