Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9349-LF Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9349-LF
Description  Quad intelligent power low side switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9349-LF Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9349-LF Datasheet HTML 9Page - STMicroelectronics L9349-LF Datasheet HTML 10Page - STMicroelectronics L9349-LF Datasheet HTML 11Page - STMicroelectronics L9349-LF Datasheet HTML 12Page - STMicroelectronics L9349-LF Datasheet HTML 13Page - STMicroelectronics L9349-LF Datasheet HTML 14Page - STMicroelectronics L9349-LF Datasheet HTML 15Page - STMicroelectronics L9349-LF Datasheet HTML 16Page - STMicroelectronics L9349-LF Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
L9349-LF
Electrical specifications
13/17
Figure 5.
Timing (tDOL, tDIOU)
Figure 6.
Block diagram - Open load voltage detection
IN
V
ON
I
OOC
V
D
I
OUC
Open Load Current
t
DOL
t
DIOU
00AT0032
t
filt
R
IO
R
IO
OUT1
(OUT2)
L
1 (L2)
L
4 (L3)
V
Batt
OUT4
(OUT3)
R
Latch
S
Q
R
Latch
Q
S
V
S
55%
Enable
IN
4
IN
1
VO
UV1
VO
UV4
00AT0033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com