Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9678P-S Datasheet(PDF) 77 Page - STMicroelectronics

Part # L9678P-S
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P-S Datasheet(HTML) 77 Page - STMicroelectronics

Back Button L9678P-S Datasheet HTML 73Page - STMicroelectronics L9678P-S Datasheet HTML 74Page - STMicroelectronics L9678P-S Datasheet HTML 75Page - STMicroelectronics L9678P-S Datasheet HTML 76Page - STMicroelectronics L9678P-S Datasheet HTML 77Page - STMicroelectronics L9678P-S Datasheet HTML 78Page - STMicroelectronics L9678P-S Datasheet HTML 79Page - STMicroelectronics L9678P-S Datasheet HTML 80Page - STMicroelectronics L9678P-S Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 215 page
background image
DS11626 Rev 9
77/216
L9678P, L9678P-S
SPI interface
214
5.2.20
WD1 test command register (WD1_TEST)
Address:
35
Type:
W
Buffer:
-
Reset:
$006A
5.2.21
System diagnostic register (SYSDIAGREQ)
Address:
36
Type:
RW
Buffer:
$3601
Reset:
$006C
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
$3C
X
X
X
X
X
X
X
X
MISO
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
N/A N/A N/A
Non-latched WD1 Test Command
WD1_TEST SPI command as described in Figure 36: Watchdog state
diagram.
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
X
X
X
X
X
X
X
X
X
X
X
X
DSTEST[3:0]
MISO
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
DSTEST[3:0]
DSTEST[3:0] 0000 0000 0000 Diagnostic State Test selection
Updated by SSM_RESET or SPI write while in DIAG state
0000 = all outputs inactive
0001 = ARM pin active
0010 = all outputs inactive
0011 = all outputs inactive
0100 = all outputs inactive
0101 = all outputs inactive
0110 = VSF regulator active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com