Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679P Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9679P_V01 Datasheet HTML 29Page - STMicroelectronics L9679P_V01 Datasheet HTML 30Page - STMicroelectronics L9679P_V01 Datasheet HTML 31Page - STMicroelectronics L9679P_V01 Datasheet HTML 32Page - STMicroelectronics L9679P_V01 Datasheet HTML 33Page - STMicroelectronics L9679P_V01 Datasheet HTML 34Page - STMicroelectronics L9679P_V01 Datasheet HTML 35Page - STMicroelectronics L9679P_V01 Datasheet HTML 36Page - STMicroelectronics L9679P_V01 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 279 page
background image
DS11627 Rev 7
33/279
L9679P
Start-up and power control
278
6.2.5
Power-up and power-down sequences
The behaviour of the IC during normal power-up and power-down is shown from Figure 6 to
Figure 9. The following sequences represent just a subset of all possible power-up and
power-down scenarios. In Figure 6 a normal IC power-up controlled by the state of the
WAKEUP pin is shown.
Figure 6. Normal power-up sequence
VBBAD
VBGOOD
VBAT _MON
WAKE UP
4ms
<1ms
WU_on
VINT
POR
ERBSTSW
and
SYNCBSTSW
ERBOOST
VER
VCC
RESET
<50 A
VIN current
WU_mon
>1ms
VIN-Vdiode
0V
SYNCBOOST_OK
VIN-Vdiode
SYNCBOOST
SAT BCKSW
SATBUCK_OK
SATBUCK
VCCBCKSW
VCC_UV
<50 A
WU_off
VINT_UV
0V
0V
0V
0V
0V
SPI_SYS_CTL(ER_CUR_EN)=01
VIN
VINBAD
VINGOOD
SPI
command
RESET output buffer disabled – only passive pull down
keep low the RESET pin
RESET
output buffer active
Reset_hold_time
VCCSEL
VTH1_H_VCCSEL
VCORE
0V
0V
GADG1406180758PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com