Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9680 Datasheet(PDF) 106 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button L9680_V01 Datasheet HTML 102Page - STMicroelectronics L9680_V01 Datasheet HTML 103Page - STMicroelectronics L9680_V01 Datasheet HTML 104Page - STMicroelectronics L9680_V01 Datasheet HTML 105Page - STMicroelectronics L9680_V01 Datasheet HTML 106Page - STMicroelectronics L9680_V01 Datasheet HTML 107Page - STMicroelectronics L9680_V01 Datasheet HTML 108Page - STMicroelectronics L9680_V01 Datasheet HTML 109Page - STMicroelectronics L9680_V01 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 286 page
background image
SPI interfaces
L9680
106/286
DS11615 Rev 7
01 = ON 40 mA/ 8 mA current for channel selected in
RES_MEAS_CHSEL, OFF on all other channels
10 = ON bypass current for channel selected in RES_MEAS_CHSEL,
OFF ON all other channels
11 = ON ISRC 40mA or 8mA current for channel selected in
RES_MEAS_CHSEL and connect the SRM Differential Amplifier to
the other squib/pyroswitch channel of the selected channel pair
ISINK
0
0
0 Low-side current sink control (max 50mA)
Updated by SSM_RESET or SPI write
0 All channels OFF
1 ON for channel selected by RES_MEAS_CHSEL[3:0], OFF on all other
channels
VRCM[1:0] 00
00
00 Voltage Regulator Current Monitor control
Updated by SSM_RESET or SPI write
00 VRCM not connected
01 VRCM connected to SFx of channel selected by LEAK_CHSEL[3:0]
10 VRCM connected to SRx of channel selected by LEAK_CHSEL[3:0]
and pull down current of the same channel disabled
11 VRCM connected to SRx of channel selected by LEAK_CHSEL[3:0]
and pull down current of the same channel enabled (ISINK and ISRC
must be switched off)
RES_MEAS_CHSEL[3:0] 0000 0000 0000 Squib/pyroswitch Resistance Measurement Channel select - selects the
channel and muxes for the resistance test, and the channel for HS driver test
(full path fet test) activation
Updated by SSM_RESET or SPI write
0000 Channel 0
0001 Channel 1
0010 Channel 2
0011 Channel 3
0100 Channel 4
0101 Channel 5
0110 Channel 6
0111 Channel 7
1000 Channel 8
1001 Channel 9
1010 Channel A
1011 Channel B
0100 - 1111 None Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com