Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9680 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9680_V01 Datasheet HTML 39Page - STMicroelectronics L9680_V01 Datasheet HTML 40Page - STMicroelectronics L9680_V01 Datasheet HTML 41Page - STMicroelectronics L9680_V01 Datasheet HTML 42Page - STMicroelectronics L9680_V01 Datasheet HTML 43Page - STMicroelectronics L9680_V01 Datasheet HTML 44Page - STMicroelectronics L9680_V01 Datasheet HTML 45Page - STMicroelectronics L9680_V01 Datasheet HTML 46Page - STMicroelectronics L9680_V01 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 286 page
background image
DS11615 Rev 7
43/286
L9680
Start-up and power control
285
The user can decide the charge and discharge time based on the ER CAP used in
application, in order to maximize the differential voltage and then improve the accuracy.
Anyway, a timeout on ER Discharge current has been implemented to prevent thermal
issue, so the discharge time cannot be longer than 350 ms.
Figure 17. ER CAP measurement timing diagram
The following formulas can be used to retrieve the ER CAP value from the voltage and
timing measurements.
T1 = discharge time
T2 = charge time, same as discharge time
T1 = T2 = T
V1 = Vstart - Vstop
V2 = Vend - Vstop
I1 = discharge current
I2 = charge current, same as discharge current
I1 = I2 = I
ILEAK = leakage current
V1 V2
+
I1 ILEAK
+
C
---------------------------T1
I2 ILEAK
–
C
--------------------------T2
+
=
C
2 I T
 
Vstart Vend 2 Vstop
–
+
----------------------------------------------------------------
=
ESR > 0
VER (t)
ER_DISCHARGE
ER_CHARGE
ESR = 0
Vstart
Vstop
Vend
T1
T2
GAPGPS02262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com