Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9680 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 41Page - STMicroelectronics L9680 Datasheet HTML 42Page - STMicroelectronics L9680 Datasheet HTML 43Page - STMicroelectronics L9680 Datasheet HTML 44Page - STMicroelectronics L9680 Datasheet HTML 45Page - STMicroelectronics L9680 Datasheet HTML 46Page - STMicroelectronics L9680 Datasheet HTML 47Page - STMicroelectronics L9680 Datasheet HTML 48Page - STMicroelectronics L9680 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 286 page
background image
DS11615 Rev 7
45/286
L9680
Start-up and power control
285
Figure 19. ER ESR measurement timing diagram
The ER CAP ESR can be calculated according to the following formula:
6.6
ER switch and COVRACT pin
L9680 allows the system to run out of the reserve capacitor energy stored on VER node by
means of the charging boost regulator. In this way, an extended operation can take place
even in case of battery lost. The ER switch implements a connection from the VER pin to
the VIN node, supply input for the SYNCBOOST regulator and for internal power supplies.
The ER switch is automatically activated upon entering the PASSIVE mode. Voltage
difference between VIN and VER is monitored in order to prevent VER back-feeding when
VIN exceeds VER by VER_SW_OV_TH. The ER switch is automatically deactivated upon the
above mentioned overvoltage detection.
During PASSIVE mode the discrete digital output pin COVRACT is activated to allow for
external optional cross-over switch control (except during VINGOOD blanking state, where
the COVRACT is deactivated).
ESRERCAP
VC VB
–
GER_ESR IER_DISCHARGE_HIGH
----------------------------------------------------------------------------------------- OFFER_ESR
+
=
GAPGPS02264
VER voltage
2μ s
ER_DISCHARGE
ENABLE
23μs
14μs
35 μ s
Va stop sampling
(start of conv.)
100μs
CS_G (diagnostic request from microcontroller)
24 μ s
Va, Vb, Vc
start sampling
Vc stop sampling
(start of conv.)
Vb stop sampling
(start of conv.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com