Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9680 Datasheet(PDF) 150 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 146Page - STMicroelectronics L9680 Datasheet HTML 147Page - STMicroelectronics L9680 Datasheet HTML 148Page - STMicroelectronics L9680 Datasheet HTML 149Page - STMicroelectronics L9680 Datasheet HTML 150Page - STMicroelectronics L9680 Datasheet HTML 151Page - STMicroelectronics L9680 Datasheet HTML 152Page - STMicroelectronics L9680 Datasheet HTML 153Page - STMicroelectronics L9680 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 286 page
background image
SPI interfaces
L9680
150/286
DS11615 Rev 7
7.5
Remote sensor SPI register map
The Remote Sensor SPI interface consists of twelve 32-bit read registers (one for each
logical channel) to allow for access to decoded sensor data and fault registers. The registers
are addressed by the read register ID and the Global ID bit.
The L9680 checks the validity of the received RID field in the MOSI_RS frame. Should a SPI
read command be received containing an unused RID address, the command will be
discarded and the ERR_RID bit will be flagged in the current GSW.
Table 8. Remote sensor SPI register map
GID
RID / WID
Hex R/W
Name
Description
Operating State
Init Diag Safing Scrap Arming
0 1
0 1 0 0 0 0 $50
R
RSDR0
Remote
sensor
data/status
registers
(PSI-5 or
WSS)
0 1
0 1 0 0 0 1 $51
R
RSDR1
0 1
0 1 0 0 1 0 $52
R
RSDR2
0 1
0 1 0 0 1 1 $53
R
RSDR3
0 1
0 1 0 1 0 0 $54
R
RSDR4
0 1
0 1 0 1 0 1 $55
R
RSDR5
0 1
0 1 0 1 1 0 $56
R
RSDR6
0 1
0 1 0 1 1 1 $57
R
RSDR7
0 1
0 1 1 0 0 0 $58
R
RSDR8
0 1
0 1 1 0 0 1 $59
R
RSDR9
0 1
0 1 1 0 1 0 $5A
R
RSDR10
0 1
0 1 1 0 1 1 $5B
R
RSDR11
0 1
0 1 1 1 0 0 $5C
R
RSTHR0_L
Remote
sensor
(PSI-5 or
WSS)
0 1
0 1 1 1 0 1 $5D
R
RSTHR1_L
0 1
0 1 1 1 1 0 $5E
R
RSTHR2_L
0 1
0 1 1 1 1 1 $5F
R
RSTHR3_L
0 1
1 0 0 0 0 0 $60
R
RSTHR0_H
Remote
sensor current
2 registers
(WSS only)
0 1
1 0 0 0 0 1 $61
R
RSTHR1_H
0 1
1 0 0 0 1 0 $62
R
RSTHR2_H
0 1
1 0 0 0 1 1 $63
R
RSTHR3_H
0 1
1 0 1 0 1 0 $6A
R
ARM_STATE Arming signals
status register
1 1
1 1 1 1 1 1 $FF
R
SAF_CC
Safing record
compare
complete
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com