Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9680 Datasheet(PDF) 181 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 181 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 177Page - STMicroelectronics L9680 Datasheet HTML 178Page - STMicroelectronics L9680 Datasheet HTML 179Page - STMicroelectronics L9680 Datasheet HTML 180Page - STMicroelectronics L9680 Datasheet HTML 181Page - STMicroelectronics L9680 Datasheet HTML 182Page - STMicroelectronics L9680 Datasheet HTML 183Page - STMicroelectronics L9680 Datasheet HTML 184Page - STMicroelectronics L9680 Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 286 page
background image
DS11615 Rev 7
181/286
L9680
Remote sensor interface
285
Figure 42. Remote sensor synchronization pulses
L9680 supports three time slots in a sync period with associated RSDRx registers. The
messages received within one sync period are routed to the corresponding RSDRx register
associated to each time slot. A time slot control is performed to check if the incoming
messages fall within the valid time slots reported in Table 63 and sketched in Figure 43 If
the end of the received message occurs outside a valid time slot, a SLOT_ERROR fault will
be detected and stored in the related RSDRx register. Slot error assignment is described in
Figure 43. For instance, if the end of second message falls before the expected valid time
window the error slot 1 is asserted and then also the data received with the first message is
lost. If two messages end within the same slot, the second message will be assigned to that
slot, regardless its validity. The time slot control can be disabled by setting the TSxDIS bit in
the RSCRx register.
Figure 43. PSI5 slot timing control
SATFD4
SATFD3
SATFD2
SATFD1
SATSYNC
SATFD4
SATFD3
SATFD2
SATFD1
SATSYNC
SATFD4
SATFD3
SATFD2
SATFD1
SATSYNC
GAPGPS02284
328.9
T_ES_1
T_LS_1
T_EE_1
T_LE_1T_ES_2 T_LS_2
T_EE_2
T_LE_2 T_ES_3 T_LS_3
T_EE_3
T_LE_3
T_s1_end_open(min)
T_s1_end_open(max)
T_s1_end_closure(min)
T_s1_end_closure(max)
PSI5 frames
From Satellite
Frame end
Detect windows
Slot 1
Slot 2
Slot 3
Receiver
Response
Error Slot 1
Valid
Slot 1
Error Slot 1
Valid
Slot 2
Error
Slot 2
Valid
Slot 3
Error Slot 3
SYNC PULSE ENABLE
SATSYNC PIN
t0
Stop bit not
included
T_s2_end_open(min)
T_s2_end_open(max)
T_s3_end_open(min)
T_s3_end_open(max)
T_s2_end_closure(min)
T_s2_end_closure(max)
T_s3_end_closure(min)
T_s3_end_closure(max)
GAPGPS03314



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com