Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9680 Datasheet(PDF) 275 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 275 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 271Page - STMicroelectronics L9680 Datasheet HTML 272Page - STMicroelectronics L9680 Datasheet HTML 273Page - STMicroelectronics L9680 Datasheet HTML 274Page - STMicroelectronics L9680 Datasheet HTML 275Page - STMicroelectronics L9680 Datasheet HTML 276Page - STMicroelectronics L9680 Datasheet HTML 277Page - STMicroelectronics L9680 Datasheet HTML 278Page - STMicroelectronics L9680 Datasheet HTML 279Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 286 page
background image
DS11615 Rev 7
275/286
L9680
Electrical characteristics
285
Table 70. GPO driver interface – AC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1
SRGPOx
GPOx output voltage
slew rate
30% - 70%;
RLOAD = 273 Ω, CLOAD = 100 nF
0.1
0.25
0.4
V/µs
2
TFLT_OC
Over current
detection filter time
GPO Driver ON
10
12
14
µs
3
TFLT_UC
Open load detection
filter time
GPO Driver ON
8
10
12
µs
4
TFLT_STB
Short to battery
detection in OFF
state deglitch filter
time
GPO Driver OFF
8
10
15
µs
5
TFLT_STG
Short to GND
detection in OFF
state deglitch filter
time
GPO Driver OFF
8
10
15
µs
6
TMASK_STUP_ON
Diagnostic mask
delay after switch ON CGPOX = 100 nF typ
136
-
200
µs
7 TMASK_STUP_OFF
Diagnostic mask
delay after switch
OFF
CGPOX = 100 nF typ
520
-
584
µs
8
TFLT_TSD
Thermal shutdown
filter time
-
-
-
10
µs
9
FPWM
GPO PWM frequency Design Info
-
125
Hz
10
DCPWM
GPO PWM duty cycle Increment step = 1.6%
0
-
100
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com