Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9733 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9733
Description  Automotive octal self configuring low/high side driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9733 Datasheet HTML 8Page - STMicroelectronics L9733 Datasheet HTML 9Page - STMicroelectronics L9733 Datasheet HTML 10Page - STMicroelectronics L9733 Datasheet HTML 11Page - STMicroelectronics L9733 Datasheet HTML 12Page - STMicroelectronics L9733 Datasheet HTML 13Page - STMicroelectronics L9733 Datasheet HTML 14Page - STMicroelectronics L9733 Datasheet HTML 15Page - STMicroelectronics L9733 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Electrical performance characteristics
L9733
12/35
DocID11319 Rev 12
IDOzol
DO Tri-state currents
DO = 0 VDC
-
-
|10|
μA
IDOzoh
DO = VDO
-
-
|10|
μA
RESih
RES input voltage
-
-
-
0.7vdo
V
RESil
-
0.3vdo
-
-
V
IRESil
RES input current
RES = 0 VDC
10
-
100
A
IRESih
RES = VDO
-
-
|10|
A
PORth
Power on reset threshold
@ -40 °C
2.8
-
4.2
V
@ 25 °C
2.8
-
3.7
@ 125 °C
2
-
3.4
Islp
Vbat sleep current
VDD = SRC1-8 = 0VDC
DRN1-DRN8=18VDC, Vb. Sum
currents (Tamb > 0 °C)
(Tamb @ -40 °C)
--
10
3
μA
μA
Ivbat
Vbat current
VDD = 5 V
All Outputs Commanded On
-
-
15
mA
IVDD
Max. VDD current
All Outputs Commanded On
-
-
8.5
mA
IVDD
Min. VDD current
All Outputs Commanded Off
0.5
-
mA
IDRN1lk -
IDRN8lk
DRN1 - DRN8
leakage currents
(low-side)
VDD = 0 VDC: SRC1-8 = 0 VDC
DRN1- DRN8 = 16 VDC
DRN1- DRN8 = 40 VDC
--
5
10
μA
μA
ISRC1lk -
ISRC8lk.
SRC1 – SRC8
Leakage currents
(high-side)
VDD = 0 VDC: SRC1-8 = 0 VDC
DRN1- 8 = 16 V
DRN1- 8 = 40 VDC
--
-5
-10
μA
μA
IDrn1-8sink
DRN1 – DRN8 sink current
(low-side)
SRC1-8 = GND DI = AC00h
Rload≤ 11 kΩ
Rload≤ 200 kΩ
10
120
-
100
280
μA
μA
RDRN1-8
Open load detection
resistance
VBAT ≥ 9 V
11
-
200
KΩ
IDrn1-8source Source current
DRN1-DRN8 = GND
-10
-
-100
μA
Isrc1-8sink
SRC1 – SRC8
sink/source current
(high-side)
DRN1- 8 = Vb, DI = AC00h
SCR1- 8 = Vb
10
-
100
μA
Isrc1-8source
SCR1- 8 = GND
-18
-
-100
μA
VDrn1-8open
DRN1 – DRN8
open load voltage
(low-side)
SRC1- 8 = GND, DI = AC00h
DRN1- DRN8 = Open
VDD=4.9 to 5.1 VDC
2.7
-
3.1
V
SRC1- 8 = GND, DI = AC00h
DRN1- DRN8 = Open
VDD = 4.5 to 5.5 V
2.5
-
3.5
V
Table 6. DC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com