Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9848 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9848
Description  Octal configurable low/high side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9848 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9848_V01 Datasheet HTML 11Page - STMicroelectronics L9848_V01 Datasheet HTML 12Page - STMicroelectronics L9848_V01 Datasheet HTML 13Page - STMicroelectronics L9848_V01 Datasheet HTML 14Page - STMicroelectronics L9848_V01 Datasheet HTML 15Page - STMicroelectronics L9848_V01 Datasheet HTML 16Page - STMicroelectronics L9848_V01 Datasheet HTML 17Page - STMicroelectronics L9848_V01 Datasheet HTML 18Page - STMicroelectronics L9848_V01 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
L9848
Functional description
15/27
3.2.2
Output 5-6
These two self-configuring outputs can be used to drive either high or low side loads. In
addition to be controlled by the SPI BUS these outputs can also be enabled and disabled via
IN5 and IN6 inputs. IN5 and IN6 inputs are logically ORed with the SPI commands to allow
either the IN5-6 inputs or the SPI commands to activate these outputs. The use of IN5-6 for
PWM control on these outputs should only be done with non-inductive loads. Integrated
current source pull-ups and pull-downs are employed to correctly latch "open load" fault
data. Both of these current sources are needed to detect an open since these outputs self
configure as either high or low side drives.
Drain connections of Output5-6 (DRN5-6)
These pins are connected to the drains of the n-channel MOSFET transistors.
Source connections of Output5-6 (SRC5-6)
These pins are connected to the sources of the n-channel MOSFET transistors.
3.2.3
Output7-8
These two outputs (DRN7-8) are dedicated low side drives. Integrated current source pull
down are required to correctly latch "open load" fault data.
3.3
Main power input (VDD)
The VDD input is the primary power source of the L9848. This supply is used as the power
source for all of its logic circuitry and other miscellaneous functions. Notice that if the L9848
is interfaced to a processor operating with a lower voltage (e.g. 3.0 VDC), the
microprocessor inputs connected to the L9848 will swing from 0 to 5.0 VDC.
3.4
Discrete inputs (IN5-6)
These inputs allow Output5-6 to be enabled via this external pin without the use of the SPI.
A logic "1" on these inputs enables the corresponding output no matter what the status of
the SPI command register. A logic "0" on these inputs disables the corresponding output if
the SPI command register is not commanding this output on. These pins can be left "open"
if the outputs are controlled only via the SPI (internally pulled down). These inputs are
ideally suited for non-inductive loads that are pulse width modulated (PWMed). This allows
PWM control without the use of the SPI. The TTL level compatible input voltages allow
proper operation with microprocessors that are using 5.0V or 3.0V for their Vdd supply.
3.5
Serial peripheral interface (SPI)
A standard serial peripheral interface, consisting of Serial Clock (SCLK), Data Out (DO),
Data In (DI), and Chip Select (CS) is implemented to allow access to the internal registers of
the L9848. All outputs are controlled via the SPI.The input pins CS, SCLK, and DI have TTL
level compatible input voltages allowing proper operation from microprocessors that are
using 5.0V or 3.0V for their VDD supply. The design of the L9848 allows a "daisy-chaining"
of multiple L9848's to further reduce the need for controller pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com