Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9951XP Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9951XP
Description  Rear door actuator driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9951XP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9951XP Datasheet HTML 7Page - STMicroelectronics L9951XP Datasheet HTML 8Page - STMicroelectronics L9951XP Datasheet HTML 9Page - STMicroelectronics L9951XP Datasheet HTML 10Page - STMicroelectronics L9951XP Datasheet HTML 11Page - STMicroelectronics L9951XP Datasheet HTML 12Page - STMicroelectronics L9951XP Datasheet HTML 13Page - STMicroelectronics L9951XP Datasheet HTML 14Page - STMicroelectronics L9951XP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
L9951 / L9951XP
Electrical specifications
Doc ID 14173 Rev 9
11/36
ICC
VCC DC supply current
VS = 13V, VCC = 5.0V
CSN = VCC
active mode
13
mA
VCC quiescent supply
current
VS = 13V, VCC = 5.0V
CSN = VCC
standby mode
OUT1 - OUT5 floating
13
µA
IS + ICC
Sum quiescent supply
current
VS = 13V, VCC = 5.0V
CSN = VCC
standby mode
OUT1 - OUT5 floating
723
µA
Table 8.
Overvoltage and undervoltage detection
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VSUV ON VS UV-threshold voltage
VS increasing
6.0
7.2
V
VSUV OFF VS UV-threshold voltage
VS decreasing
5.4
6.5
V
VSUV hyst VS UV-hysteresis
VSUV ON - VSUV OFF
0.55
V
VSOV OFF VS OV-threshold voltage
VS increasing
18
24.5
V
VSOV ON VS OV-threshold voltage
VS decreasing
17.5
V
VSOV hyst VS OV-hysteresis
VSOV OFF - VSOV ON
0.5
V
VPOR OFF Power-on-reset threshold
VCC increasing
4.4
V
VPOR ON Power-on-reset threshold
VCC decreasing
3.1
V
VPOR hyst Power-on-reset hysteresis
VPOR OFF - VPOR ON
0.3
V
Table 9.
Current monitor output
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCM
Functional voltage range
VCC = 5V
0
4
V
ICM,r
Current monitor output
ratio:
ICM /IOUT1,2,3,4,5
0V
≤ VCM ≤ 4V, VCC=5V
1:10000
-
ICM acc
Current monitor accuracy
0V
≤ VCM≤ 4V,
VCC=5V,
IOUT1-5,low =500mA
IOUT1,high =6A
IOUT2,3,high =4.9A
IOUT4,5,high =1.2A
(FS=full scale=600
μA)
4% +
1%FS
8% +
2%FS
-
Table 7.
Supply (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com