Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA339BWTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA339BWTR
Description  2.1-channel high-efficiency digital audio system
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA339BWTR Datasheet(HTML) 1 Page - STMicroelectronics

  STA339BWTR Datasheet HTML 1Page - STMicroelectronics STA339BWTR Datasheet HTML 2Page - STMicroelectronics STA339BWTR Datasheet HTML 3Page - STMicroelectronics STA339BWTR Datasheet HTML 4Page - STMicroelectronics STA339BWTR Datasheet HTML 5Page - STMicroelectronics STA339BWTR Datasheet HTML 6Page - STMicroelectronics STA339BWTR Datasheet HTML 7Page - STMicroelectronics STA339BWTR Datasheet HTML 8Page - STMicroelectronics STA339BWTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
This is information on a product in full production.
January 2015
DocID15251 Rev 8
1/78
STA339BW
2.1-channel high-efficiency digital audio system
Datasheet
- production data
Features
 Wide voltage supply range
– 5 V to 26 V (operating range)
– 30 V (absolute maximum rating)
 3 power output configurations
– 2 channels of ternary PWM (stereo mode)
(2 x 20 W into 8
 at 18 V)
– 3 channels - left, right using binary and LFE
using ternary PWM (2.1 mode) (2 x 9 W +
1 x 20 W into 2 x 4
, 1 x 8  at 18 V)
– 2 channels of ternary PWM (2 x 20 W) +
stereo lineout ternary
 2.1 channels of 24-bit FFX® 100 dB SNR and
dynamic range
 Selectable 32 to 192 kHz input sample rates
 I2C control with selectable device address
 Digital gain/attenuation +48 dB to -80 dB with
0.5 dB/step resolution
 Soft volume update with programmable ratio
 Individual channel and master gain/attenuation
 Two independent DRC configurable as a
dual-band anti-clipper (B2DRC) or as
independent limiters/compressors
 EQ-DRC for DRC based on filtered signals
 Dedicated LFE processing for bass boosting
with 0.5 dB/step resolution
 Audio presets:
– 15 preset crossover filters
– 5 preset anti-clipping modes
– Preset night-time listening mode
 Individual channel and master soft/hard mute
 Independent channel volume and DSP bypass
 Automatic zero-detect mute
 Automatic invalid input-detect mute
 2-channel I2S input data interface
 Input and output channel mapping
 Up to 8 user-programmable biquads per
channel with 28-bit resolution
 3 coefficient banks for EQ presets storing with
fast recall via I2C interface
 Bass/treble tones and de-emphasis control
 Selectable high-pass filter for DC blocking
 Advanced AM interference frequency
switching and noise suppression modes
 Selectable high- or low-bandwidth
noise-shaping topologies
 Variable max power correction for lower
full-power THD
 Selectable clock input ratio
 96 kHz internal processing sample rate, 24 to
28-bit precision
 Thermal overload and short-circuit protection
embedded
 Video apps: 576 * fS input mode supported
 Fully compatible with STA339BWS.
PowerSSO-36 (slug down)
Table 1. Device summary
Order code
Package
Packaging
STA339BWTR
PowerSSO-36 slug down
Tape and reel
www.st.com


Similar Part No. - STA339BWTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA339BWTR STMICROELECTRONICS-STA339BWTR Datasheet
2Mb / 77P
2.1-channel high-efficiency digital audio system
04-Aug-2010
More results

Similar Description - STA339BWTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA323W STMICROELECTRONICS-STA323W Datasheet
782Kb / 41P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
Jan-2005
STA323W STMICROELECTRONICS-STA323W_06 Datasheet
811Kb / 71P
2.1 high efficiency digital audio system
15-Nov-2006
STA326 STMICROELECTRONICS-STA326 Datasheet
1Mb / 43P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
May-2006
STA335BW STMICROELECTRONICS-STA335BW Datasheet
604Kb / 54P
2.1 channels high efficiency digital audio system
20-Dec-2006
STA328 STMICROELECTRONICS-STA328 Datasheet
409Kb / 41P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
May-2006
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
2.1-channel high-efficiency digital audio system
26-Jul-2007
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
2.1-channel high-efficiency digital audio system
13-May-2008
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
2.1-channel high-efficiency digital audio system
22-May-2008
STA335BWS STMICROELECTRONICS-STA335BWS Datasheet
1Mb / 68P
2.1-channel high-efficiency digital audio system
18-Jan-2008
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
2.1-channel high-efficiency digital audio system
04-Aug-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com