Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN7007ALH Datasheet(PDF) 22 Page - STMicroelectronics

Part # VN7007ALH
Description  High-side driver with CurrentSense analog feedback for automotive applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7007ALH Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VN7007ALH Datasheet HTML 18Page - STMicroelectronics VN7007ALH Datasheet HTML 19Page - STMicroelectronics VN7007ALH Datasheet HTML 20Page - STMicroelectronics VN7007ALH Datasheet HTML 21Page - STMicroelectronics VN7007ALH Datasheet HTML 22Page - STMicroelectronics VN7007ALH Datasheet HTML 23Page - STMicroelectronics VN7007ALH Datasheet HTML 24Page - STMicroelectronics VN7007ALH Datasheet HTML 25Page - STMicroelectronics VN7007ALH Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Application information
VN7007ALH
22/36
DocID027958 Rev 2
Equation
VCCpeak/Ilatchup
≤ Rprot ≤ (VOHµC-VIH-VGND) / IIHmax
Calculation example:
For VCCpeak = -150 V; Ilatchup
≥ 20mA; VOHµC ≥ 4.5V
7.5
kΩ ≤ Rprot ≤ 140 kΩ.
Recommended values: Rprot = 15
kΩ
4.4
CS - analog current sense
Diagnostic information on device and load status are provided by an analog output pin (CS)
delivering the following signal:
Current monitor: current minitor of channel output current
Figure 28: CurrentSense and diagnostic
– block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com