Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF218 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF218
Description  3.3V, QwikRadio짰 300 MHz to 450 MHz Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF218 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF218 Datasheet HTML 1Page - Micrel Semiconductor MICRF218 Datasheet HTML 2Page - Micrel Semiconductor MICRF218 Datasheet HTML 3Page - Micrel Semiconductor MICRF218 Datasheet HTML 4Page - Micrel Semiconductor MICRF218 Datasheet HTML 5Page - Micrel Semiconductor MICRF218 Datasheet HTML 6Page - Micrel Semiconductor MICRF218 Datasheet HTML 7Page - Micrel Semiconductor MICRF218 Datasheet HTML 8Page - Micrel Semiconductor MICRF218 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Micrel
MICRF218
September 2007
2
M9999-090607
(408) 944-0800
Application Example
+3V
C4
0.1µF
16V
C2
1.5pF 50V
ANT
PCB Pattern
C5
4.7µF
6.3V
Y1
9.8131MHz
C1
6.8pF
U1 MICRF218AYQS
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
RO1
GNDRF
ANT
GNDRF
VDD
IF_BW
SEL0
SHDN
GND
DO
SEL1
CTH
CAGC
RSSI
NC
RO2
C3
0.1µF 16V
L1
39nH
L2
68nH
DO
RSSI
IF_BW CONTROL
315MHz/315.802, 900Hz Baud Rate Example
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RO1
GNDRF
ANT
GNDRF
Vdd
IF_BW
SEL0
SHDN
GND
DO
SEL1
CTH
CAGC
RSSI
NC
RO2
MICRF218AYQS
Pin Description
16-Pin
QSOP
Pin
Name
Pin Function
1
RO1
Reference resonator input connection to Colpitts oscillator stage. May also be driven by external
reference signal of 1.5V p-p amplitude maximum.
2
GNDRF
Negative supply connection associated with ANT RF input.
3
ANT
RF signal input from antenna. Internally AC-Coupled. It is recommended that a matching network
with an inductor to RF ground is used to improve ESD protection.
4
GNDRF
Negative supply connection associated with ANT RF input.
5
VDD
Positive supply connection for all chip functions.
6
IF_BW
IF bandwidth control logic input. Use VDD for Wide IF Bandwidth or VSS for Narrow IF Bandwidth.
This pin must not be left floating, must be tied to VDD or VSS.
7
SEL0
Logic control input with active internal pull-up. Used in conjunction with SEL1 to control the
demodulator low pass filter bandwidth. (See filter table for SEL0 and SEL1 in application
subsection)
8
SHDN
Shutdown logic control input. Active internal pull-up and must be pulled low for Normal Operation.
9
GND
Negative supply connection for all chip functions except RF input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com