Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX4100 Datasheet(PDF) 2 Page - Juniper Networks, Inc.

Part # EX4100
Description  EX4100 LINE OF ETHERNET SWITCHES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4100 Datasheet(HTML) 2 Page - Juniper Networks, Inc.

  EX4100 Datasheet HTML 1Page - Juniper Networks, Inc. EX4100 Datasheet HTML 2Page - Juniper Networks, Inc. EX4100 Datasheet HTML 3Page - Juniper Networks, Inc. EX4100 Datasheet HTML 4Page - Juniper Networks, Inc. EX4100 Datasheet HTML 5Page - Juniper Networks, Inc. EX4100 Datasheet HTML 6Page - Juniper Networks, Inc. EX4100 Datasheet HTML 7Page - Juniper Networks, Inc. EX4100 Datasheet HTML 8Page - Juniper Networks, Inc. EX4100 Datasheet HTML 9Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Each EX4100 model offers 4 x 1/10GbE small form-factor
pluggable plus transceiver (SFP+) fixed uplink ports. The EX4100
switches include 4 x 10GbE/25GbE SFP28 ports to support Virtual
Chassis connections, which can be reconfigured for use as Ethernet
ports for uplink connectivity. EX4100 switches also include high
availability (HA) features such as redundant, hot-swappable power
supplies and field-replaceable fans to ensure maximum uptime. In
addition, -24 port and -48 port Multi-Gigabit Ethernet EX4100
switch models offer standards-based 802.3af/at/bt (PoE/PoE+/PoE
++) for delivering up to 90 watts on any access port. The EX4100
switches can be configured to deliver fast PoE capability, which
enables the switches to deliver PoE power to connected PoE
devices within a few seconds of power being applied to the
switches.
Architecture and Key Components
Cloud Management with Juniper Mist Wired Assurance Driven by
Mist AI
EX4100 switches can be quickly and easily onboarded (Day 0),
provisioned (Day 1), and managed (Day 2+) from the cloud with
Juniper Mist Wired Assurance, which brings AI-powered
automation and insights that optimize experiences for end users
and connected devices. The EX4100 provides rich
Junos® operating system telemetry data for Mist AI, which helps
achieve simpler operations, shorter mean time to repair (MTTR),
and streamlined troubleshooting. For more information, read the
Juniper Mist Wired Assurance datasheet.
In addition to Juniper Mist Wired Assurance, Marvis Virtual
Network Assistant—a key part of The Self-Driving Network™—
makes the Mist AI engine interactive. A digital extension of the IT
team, Marvis offers automatic fixes or recommended actions,
allowing IT teams to streamline how they troubleshoot and manage
their network operations.
Figure 1: EX4100 Virtual Chassis configuration interconnected via dedicated front-panel
25GbE ports
EVPN-VXLAN Technology
Most traditional campus networks have a single-vendor, chassis-
based architecture that worked well for smaller, static campuses
with few endpoints. However, this approach is too rigid to support
the changing needs of modern campus networks. The EX4100
supports EVPN-VXLAN, extending an end-to-end fabric from
campus core to distribution to the access layer.
An EVPN-VXLAN fabric is a simple, programmable, highly scalable
architecture built on open standards. This technology can be
applied in both data centers and campuses for architectural
consistency. A campus EVPN-VXLAN architecture uses a Layer 3
IP-based underlay network and an EVPN-VXLAN overlay network.
A flexible overlay network based on a VXLAN overlay with an
EVPN control plane efficiently provides Layer 2 and/or Layer 3
connectivity throughout the network. EVPN-VXLAN also offers a
scalable way to build and interconnect multiple campus sites,
delivering:
• Greater consistency and scalability across all network layers
• Multivendor deployment support
• Reduced flooding and learning
• Location-agnostic connectivity
• Consistent network segmentation
• Simplified management
EX4100 Line of Ethernet Switches Datasheet
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com