Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K100 Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # K100
Description  Pro Hazardous Indicator Beacon – DC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K100 Datasheet(HTML) 5 Page - Banner Engineering Corp.

  K100 Datasheet HTML 1Page - Banner Engineering Corp. K100 Datasheet HTML 2Page - Banner Engineering Corp. K100 Datasheet HTML 3Page - Banner Engineering Corp. K100 Datasheet HTML 4Page - Banner Engineering Corp. K100 Datasheet HTML 5Page - Banner Engineering Corp. K100 Datasheet HTML 6Page - Banner Engineering Corp. K100 Datasheet HTML 7Page - Banner Engineering Corp. K100 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
K100 Pro Hazardous Indicator Beacon – DC Datasheet
June 12, 2023
page 5
Indicator Characteristics
Color
Dominant Wavelength
(nm) or Color Tempera-
ture (CCT)
Color Coordi-
nates(0)
Lumen Output
(Typical at 25
°C)
x
y
Red
620 nm
0.6900
0.3081
36
Green
525 nm
0.1620
0.7112
73
Blue
468 nm
0.1400
0.0539
14
Yellow
575 nm
0.4780
0.4700
91
Magenta
-
0.3877
0.1817
47
Cyan
492 nm
0.1666
0.3406
83
White
6000K
0.3379
0.3380
112
Amber
590 nm
0.5566
0.4098
63
Rose
-
0.5234
0.2310
39
Lime
Green
562 nm
0.3987
0.5306
99
Orange
600 nm
0.6135
0.3665
50
Sky Blue
485 nm
0.1483
0.2476
87
Violet
-
0.2148
0.0938
28
Spring
Green
507 nm
0.1780
0.5375
77
(0) Refer to CIE 1931 chromaticity diagram or color chart, to show equivalent
color with indicated color coordinates.
Internal temperature compensation circuitry: Reduces the Lu-
men Output to decrease the unit's internal operating tempera-
ture. The amount of reduction is dependent on the ambient
operating temperature, supply voltage, color, and/or audible
functions being utilized.
Required Overcurrent Protection
WARNING: Electrical connections must
be made by qualified personnel in ac-
cordance with local and national electri-
cal codes and regulations.
Overcurrent protection is required to be provided by end prod-
uct application per the supplied table.
Overcurrent protection may be provided with external fusing
or via Current Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go
to www.bannerengineering.com.
Supply
Wiring
(AWG)
Required Overcurrent
Protection (A)
Supply
Wiring
(AWG)
Required Overcurrent
Protection (A)
20
5.0
26
1.0
22
3.0
28
0.8
24
1.0
30
0.5
Dimensions
All measurements are listed in millimeters [inches], unless noted otherwise.
Standard Models
Audible Models
80.9
[3.18]
Ø 92.8
[3.65]
Ø 118.5
[4.67]
134.7
[5.3]
25.5
[1.01]
13.0
[0.51]
M36 x 2.0
Interior
T
M12 x 1.0
81.0
[3.19]
Ø 92.8
[3.65]
[4.67]
134.8
[5.31]
25.5
[1.01]
13.0
[0.51]
M36 x 2.0
Interior
M12 x 1.0
© Banner Engineering Corp.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com