Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8701PRGET Datasheet(PDF) 13 Page - Texas Instruments

Part # DRV8701PRGET
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8701PRGET Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV8701PRGET Datasheet HTML 9Page - Texas Instruments DRV8701PRGET Datasheet HTML 10Page - Texas Instruments DRV8701PRGET Datasheet HTML 11Page - Texas Instruments DRV8701PRGET Datasheet HTML 12Page - Texas Instruments DRV8701PRGET Datasheet HTML 13Page - Texas Instruments DRV8701PRGET Datasheet HTML 14Page - Texas Instruments DRV8701PRGET Datasheet HTML 15Page - Texas Instruments DRV8701PRGET Datasheet HTML 16Page - Texas Instruments DRV8701PRGET Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Gate Driver
Gate Driver
Current Regulation
VM
VM
0.1 µF
10 µF minimum
Power
VCP
CPH
CPL
3.3-V LDO
4.8-V LDO
VGLS LDO
DVDD
AVDD
0.1 µF
Charge
Pump
1 µF
VM
1 µF
1 µF
30 mA
30 mA
Control
Inputs
PH/IN1
EN/IN2
nSLEEP
IDRIVE
RIDRIVE
Outputs
SNSOUT
nFAULT
GL2
SH2
GH2
VCP
VGLS
HS
LS
GL1
SH1
GH1
VCP
VGLS
HS
LS
VM
VM
RSENSE
+
-
AV
SP
SN
SO
VREF
GND
GND
PPAD
Logic
BDC
DRV8701
www.ti.com
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
7.2 Functional Block Diagram
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DRV8701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com