Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8801RTYRG4 Datasheet(PDF) 13 Page - Texas Instruments

Part # DRV8801RTYRG4
Description  DRV880x DMOS Full-Bridge Motor Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8801RTYRG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV8801RTYRG4 Datasheet HTML 9Page - Texas Instruments DRV8801RTYRG4 Datasheet HTML 10Page - Texas Instruments DRV8801RTYRG4 Datasheet HTML 11Page - Texas Instruments DRV8801RTYRG4 Datasheet HTML 12Page - Texas Instruments DRV8801RTYRG4 Datasheet HTML 13Page - Texas Instruments DRV8801RTYRG4 Datasheet HTML 14Page - Texas Instruments DRV8801RTYRG4 Datasheet HTML 15Page - Texas Instruments DRV8801RTYRG4 Datasheet HTML 16Page - Texas Instruments DRV8801RTYRG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
not affect any device functionality. The H-bridge portion still operates normally down to VBB = 8 V with nFAULT
asserted.
8.3.9 Thermal Shutdown (TSD)
Two die-temperature monitors are integrated on the chip. As die temperature increases toward the maximum, a
thermal warning signal is triggered at 160°C. This fault drives the nFAULT low, but does not disable the operation
of the chip. If the die temperature increases further, to approximately 175°C, the full-bridge outputs are disabled
until the internal temperature falls below a hysteresis of 15°C.
8.3.10 Overcurrent Protection
The current flowing through the high-side and low-side drivers is monitored to ensure that the motor lead is not
shorted to supply or ground. If a short is detected, the full-bridge outputs are turned off, flag nFAULT is driven
low, and a 1.2-ms fault timer is started. After this 1.2-ms period, tOCP , the device is then allowed to follow the
input commands and another turnon is attempted (nFAULT becomes high again during this attempt). If there is
still a fault condition, the cycle repeats. If after tOCP expires it is determined the short condition is not present,
normal operation resumes and nFAULT is deasserted.
8.3.11 SENSE
A low-value SENSE resistor is used to set an overcurrent threshold lower than the default maximum value
of 2.8 A and to provide a voltage for VPROPI (DRV8801 Only). This SENSE resistor must be connected
between the SENSE pin and ground. To minimize ground-trace IR drops in sensing the output current level, the
current-sensing resistor should have an independent ground return to the star ground point. This trace should be
as short as possible. For low-value sense resistors, the IR drops in the PCB can be significant, and should be
taken into account.
A direct connection to ground yields a SENSE voltage equal to zero. In that case, maximum current is 2.8 A and
VPROPI outputs 0 V. A resistor connected as explained before, will yield a VPROPI output as detailed in Section
8.3.3. Size the sense resistor such that voltage drop across the sense resistor is less than 500mV under normal
loading conditions. Any voltage equal or larger to 500 mV will signal the device to hi-Z the H-bridge output as
overcurrent trip threshold has been reached. In this case, device will enter recirculation as stipulated by the
MODE input pin. The device automatically retries with a period of t(OCP).
Equation 2 shows the value of the resistor to a particular current setting.
sense
trip
500 mV
R
I
(2)
8.4 Device Functional Modes
8.4.1 Device Operation
The DRV880x supports a low power sleep mode through the nSLEEP pin. In this mode the device shuts down
a majority of the internal circuitry including the internal voltage rails and charge pump. Bringing the nSLEEP pin
HIGH will put the device back into its active state.
During normal operation the DRV880x is designed to operate a single brushed DC motor. The outputs are
connected to each side on the motor coil, allowing for full bidirectional control.
Table 8-1. Control Logic Table(1)
PINS
OPERATION
PHASE
ENABLE
MODE 1
MODE 2
nSLEEP
OUT+
OUT-
1
1
X
X
1
H
L
Forward
0
1
X
X
1
L
H
Reverse
X
0
1
0
1
L
L
Brake (slow decay)
X
0
1
1
1
H
H
Brake (slow decay)
1
0
0
X
1
L
H
Fast-decay synchronous
rectification(2)
www.ti.com
DRV8800, DRV8801
SLVS855K – JULY 2008 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DRV8800 DRV8801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com