Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD321 Datasheet(PDF) 7 Page - Texas Instruments

Part # ESD321
Description  ESD321 1-Channel 30kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 and SOD-523 Packages
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD321 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ESD321 Datasheet HTML 3Page - Texas Instruments ESD321 Datasheet HTML 4Page - Texas Instruments ESD321 Datasheet HTML 5Page - Texas Instruments ESD321 Datasheet HTML 6Page - Texas Instruments ESD321 Datasheet HTML 7Page - Texas Instruments ESD321 Datasheet HTML 8Page - Texas Instruments ESD321 Datasheet HTML 9Page - Texas Instruments ESD321 Datasheet HTML 10Page - Texas Instruments ESD321 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
5.7 Typical Characteristics (continued)
D007_Cap_Bias.grf
Bias Voltage (V)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
0
0.4
0.8
1.2
1.6
2
D007
-40
25
85
Figure 5-7. Capacitance vs. Bias Voltage For Different
Temperatures (°C)
D008_Leakage_Temp.grf
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0
2
4
6
8
10
12
14
16
18
20
D008
Figure 5-8. Leakage Current (at 3.6V Bias) Across Temperature,
I/O Pin to GND
D009_S21.grf
Frequency (GHz)
0.1
0.2
0.3
0.5 0.7
1
2
3
4 5 6 7 8 10
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
D009
Figure 5-9. Insertion Loss vs. Frequency
www.ti.com
ESD321
SLVSEN8C – JULY 2018 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ESD321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com