Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD321DPYR Datasheet(PDF) 5 Page - Texas Instruments

Part # ESD321DPYR
Description  ESD321 1-Channel 30kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 and SOD-523 Packages
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD321DPYR Datasheet(HTML) 5 Page - Texas Instruments

  ESD321DPYR Datasheet HTML 1Page - Texas Instruments ESD321DPYR Datasheet HTML 2Page - Texas Instruments ESD321DPYR Datasheet HTML 3Page - Texas Instruments ESD321DPYR Datasheet HTML 4Page - Texas Instruments ESD321DPYR Datasheet HTML 5Page - Texas Instruments ESD321DPYR Datasheet HTML 6Page - Texas Instruments ESD321DPYR Datasheet HTML 7Page - Texas Instruments ESD321DPYR Datasheet HTML 8Page - Texas Instruments ESD321DPYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5.6 Electrical Characteristics
At TA = 25°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage
IIO < 50nA, across operating
temperature range
3.6
V
ILEAKAGE
Leakage current at 3.6V
VIO = 3.6V, I/O to GND
0.1
10
nA
VBRF
Breakdown voltage, I/O to GND (1)
IIO = 1mA
4.5
7.5
V
VFWD
Forward Voltage, GND to I/O (1)
IIO = 1mA
0.8
V
VHOLD
Holding voltage, I/O to GND (2)
IIO = 1mA
5.1
V
VCLAMP
Clamping voltage
IPP = 6A (8/20µs Surge), I/O to GND
6.3
V
IPP = 16A (100ns TLP), I/O to GND
6.8
V
IPP = 16A (100ns TLP), GND to I/O
4.7
V
RDYN
Dynamic resistance
I/O to GND, 100ns TLP, between 10 to
20A IPP
0.13
Ω
GND to I/O , 100ns TLP, between 10
to 20A IPP
0.2
CLINE
Line capacitance, IO to GND
VIO = 0V, Vp-p = 30mV, f = 1MHz
0.9
1.1
pF
(1)
VBRF and VBRR are defined as the voltage obtained at 1mA when sweeping the voltage up, before the device latches into the snapback
state
(2)
VHOLD is defined as the voltage when 1mA is applied, after the device has successfully latched into the snapback state.
www.ti.com
ESD321
SLVSEN8C – JULY 2018 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ESD321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com