Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX9253-BASE-DC Datasheet(PDF) 2 Page - Juniper Networks, Inc.

Part # EX9253-BASE-DC
Description  EX9250 ETHERNET SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX9253-BASE-DC Datasheet(HTML) 2 Page - Juniper Networks, Inc.

  EX9253-BASE-DC Datasheet HTML 1Page - Juniper Networks, Inc. EX9253-BASE-DC Datasheet HTML 2Page - Juniper Networks, Inc. EX9253-BASE-DC Datasheet HTML 3Page - Juniper Networks, Inc. EX9253-BASE-DC Datasheet HTML 4Page - Juniper Networks, Inc. EX9253-BASE-DC Datasheet HTML 5Page - Juniper Networks, Inc. EX9253-BASE-DC Datasheet HTML 6Page - Juniper Networks, Inc. EX9253-BASE-DC Datasheet HTML 7Page - Juniper Networks, Inc. EX9253-BASE-DC Datasheet HTML 8Page - Juniper Networks, Inc. EX9253-BASE-DC Datasheet HTML 9Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EX9250 switches offer Evolved Enterprise Core capabilities that
allow the creation of larger networks supporting both Layer 2 and
Layer 3 application traffic. An Evolved Enterprise Core is enabled
by combining technologies such as EVPN and VXLAN. EVPN uses
control plane-based learning to ensure efficient network utilization
and natively supports active/active multihoming. VXLAN overlay
with EVPN allows L2 connectivity across the network while
providing active/active redundancy, aliasing, and mass media access
control (MAC) withdrawal. In an Evolved Enterprise Core, the
provider edge (PE) switch/router can, in most cases, also use a
VXLAN L3 gateway and route between VXLAN segments when
required. Since the core is a standard IP network, EVPN/VXLAN
allows the creation of an evolved core without having to replace
the rest of the core infrastructure. Enabling an evolved core with
EVPN provides flexibility by integrating with Junos Fusion and
other technologies in the distribution/access layer, paving the way
for a broader EVPN deployment over time.
The EX9250 line of switches is designed with simplicity in mind to
enable the Self-Driving Network™, with the goal of detecting and
correcting network faults and anomalies before services or
customer experiences can be impacted. The following capabilities,
integrated into the EX9250 switches, make this possible.
• Automation: In addition to integration with Puppet, Python,
OpenStack, and other automation applications, Juniper
Extension Toolkit (JET), available on the EX9250 switches,
covers all phases of network design, construction, provisioning,
and operations implemented with the APIs and programming
tools to deliver more programmatic interaction. JET provides a
notification API that allows users to subscribe to events and
designate a callback function, as well as a service API that
allows users to access the control plane and management
plane to run operational and configuration commands.
• Analytics: Junos Telemetry Interface (JTI), available on the
EX9250 switches, delivers advanced telemetry for collecting
the data needed to detect the state of network resources and
services. This includes capacity analysis, scenario simulation,
and detection, as well as prevention of network incidents. JTI
uses a push model to deliver data asynchronously, eliminating
the need for polling, while allowing a management station to
request data once and subscribe to streaming periodic
updates. As a result, JTI can effectively scale to support
thousands of devices, gathering telemetry data essential to the
Self-Driving Network.
Like all EX Series switches, as well as Juniper virtual and physical
SRX Series Services Gateways, the EX9250 switches are supported
by management applications such Junos Space® Network Director
and the Juniper Sky™ Enterprise cloud management offering.
Table 1. EX9250 Features at a Glance
Feature
EX9251
EX9253
Architecture
Single data, control, and management plane
Separate dedicated data, control, and management planes
Power
Holds up to two power supplies:
• -40 to -72 V DC (1+1 redundancy)
• Autosensing 120/240 V AC (1+1 redundancy)
• Maximum power draw: 312 W (DC), 300 W (AC)
Holds up to six power supplies:
• -40 to -72 V DC (3+1 redundancy)
• 100-120 V AC (3+1 redundancy)
• 200-240 V AC (3+1 redundancy)
• Maximum power draw: 2692 W (DC), 2692 W (AC)
Cooling
Internally redundant fan tray with front-to-back airflow
Internally redundant fan tray with front-to-back airflow
Weight (fully loaded)
23.15 lb (10.5 kg)
120 lb (54.43 kg)
Maximum throughput
Up to 800 Gbps
Up to 4.8 Tbps
Routing Engine (RE)
Integrated single RE
1.6 GHz, 8 core Intel Xeon processor
Up to 32 gigabytes DRAM
Solid-state drive (SSD) (up to 100 GB)
Console, auxiliary serial, and Ethernet management ports USB storage interface
Primary and backup REs (1+1 redundancy)
1.6 GHz, 8-core Intel Xeon processor
Up to 64 gigabytes DRAM
Dual front pluggable solid-state drive (SSD) (up to 100 GB each)
Console, auxiliary serial, and Ethernet management ports USB storage interface
Operating system
Juniper Networks Junos operating system
Juniper Networks Junos operating system
High availability
Hardware designed for continuous operation:
• Secure, modular architecture that isolates faults
• Separate control and forwarding planes that enhance scalability and resiliency
Hardware designed for continuous operation:
• Secure, modular architecture that isolates faults
• Separate control and forwarding planes that enhance scalability and resiliency
• Transparent failover and network recovery
• Graceful Routing Engine switchover (GRES)
• Nonstop active routing (NSR)
• Nonstop bridging (NSB)
EX9250 Ethernet Switch Datasheet
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com