Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PV8F2Y011206M14 Datasheet(PDF) 2 Page - E-SWITCH

Part # PV8F2Y011206M14
Description  PV8 Series Anti-va ndal Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PV8F2Y011206M14 Datasheet(HTML) 2 Page - E-SWITCH

  PV8F2Y011206M14 Datasheet HTML 1Page - E-SWITCH PV8F2Y011206M14 Datasheet HTML 2Page - E-SWITCH PV8F2Y011206M14 Datasheet HTML 3Page - E-SWITCH PV8F2Y011206M14 Datasheet HTML 4Page - E-SWITCH PV8F2Y011206M14 Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.e-switch.com
800.867.2717
2
PV8 SerieS Anti-VAndAl Switch
Maintained (Latching)
Function “t” and “u”
SHEET OF
1
4
PV8 Catalog Drawing 10/25/2017
RECOMMENDED PANEL CUTOUT
MAX. PANEL THICKNESS 12mm
25.00
[.984 in]
MAINTAINED (LATCHING)
FUNCTION "T" and "U"
TERMINAL 4b
TERMINAL 2b
(
-)
TERMINAL 1b
TERMINAL 3b
TERMINAL 3a
TERMINALS 1a
DOT DENOTES LED COLOR
(
+)
TERMINAL 2a
TERMINAL 4a
12.20
[.480 in]
BODY
2.00
[.08 in]
30.01.0
1.18.04 in
[
]
ACTUATOR
RING ILLUMINATION
(Optional)
19.80
[.78 in]
15.50
[.61 in]
28.00
[1.102 in]
7.00
[.276 in]
13.60
[.535 in]
40.41.0
1.59.04 in
[
]
M25 x 1.0
1a
3a
2a
4a
SPDT ON (OFF) / OFF (ON)
CONTACT CONFIGURATION
1a
3a
1b
3b
2a
4a
2b
4b
DPDT ON (OFF) / OFF (ON)
CONTACT CONFIGURATION
1a
3a
2a
4a
SPDT ON (OFF) / OFF (ON)
CONTACT CONFIGURATION
(FORWARD)
(REVERSE)
(+)
(-)
+
+
-
-
1a
3a
1b
3b
2a
4a
2b
4b
DPDT ON (OFF) / OFF (ON)
CONTACT CONFIGURATION
(FORWARD)
(REVERSE)
(+)
(-)
+
+
-
-
ILLUMINATED
FUNCTION "U"
ILLUMINATED
FUNCTION "T"
NON-ILLUMINATED
FUNCTION "U"
NON-ILLUMINATED
FUNCTION "T"
* DPDT (Function "U") Terminals 1a - 4a and 1b - 4b (AS SHOWN)
SPDT (Function "T") Terminals 1a - 4a
Terminals (-) and (+) used with Illuminated option only
ScheMatic
PaneL cutout



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com