Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS-3 Datasheet(PDF) 3 Page - Mersen

Part # CS-3
Description  Amp-Trap® CS-3 Series and 9F60/9F62 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

CS-3 Datasheet(HTML) 3 Page - Mersen

  CS-3 Datasheet HTML 1Page - Mersen CS-3 Datasheet HTML 2Page - Mersen CS-3 Datasheet HTML 3Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MERSEN.COM
MV 13
MEDIUM VOLTAGE
FUSES
38kV FERRULE MOUNTED FUSES:
38kV Power Distribution fuses – 9F60 Series, E-Rated EJO-1
27" (686 mm) Clip Centers - Suitable for use indoors or outdoors
Catalog No.
Amp
Rating
No. of
Barrels Indicating
Diameter
Inches
(mm)
Length
Inches
(mm)
Max
Voltage
Max IR
RMS Sym
Fuse Support
Indoor (EK-1)
Fuse Support
Outdoor (EK0-1)
Fuse Disconnect
Indoor (EK-3 )
Fuse Disconnect
Outdoor (EK0-3 )
9F60FPK001
1E
1
Yes
3 (76.2)
30.81
(783)
38 kV
50kA
–
9F61CJN309
–
9F61CJN310
9F60FPK002
2E
9F60FPK003
3E
9F60FPK005
5E
9F60FPK007
7E
9F60FPK010
10E
9F60FPK015
15E
1
Yes
3 (76.2)
30.81
(783)
38 kV
20kA
–
9F61CJN309
–
9F61CJN310
9F60FPK020
20E
9F60FPK025
25E
9F60FPK030
30E
9F60FPK040
40E
9F60HPK050
50E
2
Yes
3 (76.2)
30.81
(783)
38 kV
13kA
–
9F61CJN409
–
9F61CJN410
9F60HPK065
65E
9F60HPK080
80E
9F60FPT001
1E
1
No
3 (76.2)
30.81
(783)
38 kV
50kA
–
9F61CJN309
–
9F61CJN310
9F60FPT002
2E
9F60FPT003
3E
9F60FPT005
5E
9F60FPT007
7E
9F60FPT010
10E
9F60FPT015
15E
1
No
3 (76.2)
30.81
(783)
38 kV
20kA
–
9F61CJN309
–
9F61CJN310
9F60FPT020
20E
9F60FPT025
25E
9F60FPT030
30E
9F60FPT040
40E
9F60HPT050
50E
2
No
3 (76.2)
30.81
(783)
38 kV
13kA
–
9F61CJN409
–
9F61CJN410
9F60HPT065
65E
9F60HPT080
80E
Transformer Protection
Amp-Trap® CS-3 Series and 9F60/9F62 Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com