Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSM11 Datasheet(PDF) 1 Page - Mersen

Part # FSM11
Description  Multi-Meter Fuse
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

FSM11 Datasheet(HTML) 1 Page - Mersen

  FSM11 Datasheet HTML 1Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EP.MERSEN.COM
MF 7
M
F
© 2018 Mersen. All rights reserved. Mersen reserves the right to change, update,
or correct, without notice, any information contained in this datasheet.
Mersen has developed a true 1000V AC/DC fuse designed to protect
both analog and digital multi-meters. These fuses cover all the
industry’s multi-meter requirements in three easy to use amperage
ratings. Good for 1000V AC and DC, the FSM line of Mersen fuses are
designed for the power electronics metering and controls market.
FEATURES/BENEFIT S:
•
For the protection of multi-meters
•
1000V AC/DC for full range protection
•
100% Current rated for continuous current with
L/R = 10mS carrying capability
•
Glass melamine body and plated terminals provide superior
reliability and performance
C ATAL OG NUMBERS (AMPS)
DIMENSIONS
RATINGS:
•
Volts: 1000VAC / DC
•
Amps: 44/100A, 11A, 15A
•
I.R.: 20kA I.R.
HIGHLIGHT S:
•
Fast-acting
•
Current-limiting
APPLIC ATIONS
•
Multi-meters
CRO S S REFERENCE
Mersen FSM replaces the:
•
Bussmann: DMM-B
•
Littelfuse: FLU
APPRO VALS:
•
UL Recognized component
File E60314
Catalog No.
A
B
FSM44/100 1.375"
0.406"
FSM11
1.500"
0.406"
FSM15
1.500"
0.406"
FSM
Multi-Meter Fuse
MIDGE T, PC MOUNT & MINIATURE FUSES
FSM44/100
FSM11
FSM15


Similar Part No. - FSM11

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
FSM11 DGNJDZ-FSM11 Datasheet
106Kb / 2P
For Surface Mount Application
logo
Tyco Electronics
FSM11J MACOM-FSM11J Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM11J MACOM-FSM11J Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM11JA MACOM-FSM11JA Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM11JA MACOM-FSM11JA Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
More results

Similar Description - FSM11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL-25 ETC2-SL-25 Datasheet
160Kb / 1P
Sound Meter
logo
STMicroelectronics
UM0402 STMICROELECTRONICS-UM0402 Datasheet
593Kb / 35P
Single-phase multi-tariff energy meter
17-Apr-2007
logo
Keysight Technologies
34411A KEYSIGHT-34411A Datasheet
160Kb / 6P
Agilent MULTI Meter
U1401B KEYSIGHT-U1401B Datasheet
720Kb / 10P
Multi-function Calibrator/Meter
logo
PHOENIX CONTACT
2900796 PHOENIX-2900796 Datasheet
54Kb / 2P
Fuse - THERMAL FUSE TF104
logo
Schneider Electric
A9MEM3275 SCHNEIDER-A9MEM3275 Datasheet
135Kb / 3P
iEM3275 energy meter - CT - LON - 1 digital I - multi-tariff - MID
A9MEM3455 SCHNEIDER-A9MEM3455 Datasheet
129Kb / 3P
iEM3455 energy meter - Modbus - 1 DI - 1 DO - multi-tariff - LVCT
A9MEM3465 SCHNEIDER-A9MEM3465 Datasheet
129Kb / 3P
iEM3465 energy meter - BACnet - 1 DI - 1 DO - multi-tariff - LVCT
logo
M-System Co.,Ltd.
51U MSYSTEM-51U Datasheet
299Kb / 16P
Panel Mounted Multi Power Meter 51-UNIT
logo
NHP Electrical Engineer...
NEMO96HD NHP-NEMO96HD Datasheet
934Kb / 4P
NEMO HD MULTI-FUNCTION METER BASE
25 March 2023,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com