Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS20170CT Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS20170CT
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20170CT Datasheet(HTML) 2 Page - STMicroelectronics

  STPS20170CT Datasheet HTML 1Page - STMicroelectronics STPS20170CT Datasheet HTML 2Page - STMicroelectronics STPS20170CT Datasheet HTML 3Page - STMicroelectronics STPS20170CT Datasheet HTML 4Page - STMicroelectronics STPS20170CT Datasheet HTML 5Page - STMicroelectronics STPS20170CT Datasheet HTML 6Page - STMicroelectronics STPS20170CT Datasheet HTML 7Page - STMicroelectronics STPS20170CT Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STPS20170C
2/8
Table 3: Absolute Ratings (limiting values, per diode)
Table 4: Thermal Parameters
Table 5: Static Electrical Characteristics (per diode)
Pulse test:
* tp = 5 ms,
δ < 2%
** tp = 380 µs,
δ < 2%
To evaluate the conduction losses use the following equation: P = 0.64 x IF(AV) + 0.011 IF
2
(RMS)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
170
V
IF(RMS) RMS forward voltage
30
A
IF(AV)
Average forward current
δ = 0.5
TO-220AB /
D2PAK / I2PAK
Tc = 155°C Per diode
Per device
10
20
A
TO-220FPAB
Tc = 135°C
Per diode
Per device
10
20
IFSM
Surge non repetitive forward current
tp = 10ms sinusoidal
180
A
PARM
Repetitive peak avalanche power
tp = 1µs Tj = 25°C
6700
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature *
175
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
* :
thermal runaway condition for a diode on its own heatsink
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AB / D2PAK / I2PAK
Per diode
Total
2.2
1.3
°C/W
TO-220FPAB
Per diode
Total
4.5
3.5
Rth(c)
TO-220AB / D2PAK / I2PAK
Coupling
0.3
TO-220FPAB
2.5
When the diodes 1 and 2 are used simultaneously:
∆ Tj(diode 1) = P(diode 1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
Symbol
Parameter
Tests conditions
Min.
Typ
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR = VRRM
15
µA
Tj = 125°C
15
mA
VF **
Forward voltage drop
Tj = 25°C
IF = 10A
0.90
V
Tj = 125°C
0.69
0.75
Tj = 25°C
IF = 20A
0.99
Tj = 125°C
0.79
0.86
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
<



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com