Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS20170CG Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS20170CG
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20170CG Datasheet(HTML) 4 Page - STMicroelectronics

  STPS20170CG Datasheet HTML 1Page - STMicroelectronics STPS20170CG Datasheet HTML 2Page - STMicroelectronics STPS20170CG Datasheet HTML 3Page - STMicroelectronics STPS20170CG Datasheet HTML 4Page - STMicroelectronics STPS20170CG Datasheet HTML 5Page - STMicroelectronics STPS20170CG Datasheet HTML 6Page - STMicroelectronics STPS20170CG Datasheet HTML 7Page - STMicroelectronics STPS20170CG Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STPS20170C
4/8
Figure
7:
Relative
variation
of
thermal
impedance junction to case versus pulse
duration
Figure 8: Reverse leakage current versus
reverse voltage applied (typical values, per
diode)
Figure 9: Junction capacitance versus reverse
voltage applied (typical values, per diode)
Figure
10: Forward voltage drop versus
forward current (per diode)
Figure 11: Thermal resistance junction to am-
bient versus copper surface under tab (epoxy
printed board FR4, Cu = 35µm) (D2PAK)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
t (s)
p
Z/R
th(j-c)
th(j-c)
T
δ=tp/T
tp
Single pulse
(TO-220FPAB)
(TO-220AB, I PAK and D PAK)
22
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
0
25
50
75
100
125
150
175
I (µA)
R
V (V)
R
T =175°C
j
T =150°C
j
T =125°C
j
T =100°C
j
T =25°C
j
10
100
1000
1
10
100
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
I
(A)
FM
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
T =125°C
(typical values)
j
T =125°C
(maximum values)
j
T =25°C
(maximum values)
j
V
(V)
FM
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
S(cm²)
R
(°C/W)
th(j-a)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com