Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4979D-E Datasheet(PDF) 20 Page - STMicroelectronics

Part # L4979D-E
Description  Automotive low dropout voltage regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4979D-E Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L4979D-E Datasheet HTML 14Page - STMicroelectronics L4979D-E Datasheet HTML 15Page - STMicroelectronics L4979D-E Datasheet HTML 16Page - STMicroelectronics L4979D-E Datasheet HTML 17Page - STMicroelectronics L4979D-E Datasheet HTML 18Page - STMicroelectronics L4979D-E Datasheet HTML 19Page - STMicroelectronics L4979D-E Datasheet HTML 20Page - STMicroelectronics L4979D-E Datasheet HTML 21Page - STMicroelectronics L4979D-E Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Package information
L4979D-E, L4979MD
20/22
DS3717 Rev 12
5.3
SO-20 package information
Figure 14. SO-20 package dimensions
Table 14. SO-20 mechanical data
Dim.
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.35
2.65
0.093
0.104
A1
0.10
0.30
0.004
0.012
B
0.33
0.51
0.013
0.200
C
0.23
0.32
0.009
0.013
D(1)
1. “D” dimension does not include mold flash, protusions or gate burrs. Mold flash, protrusions or gate burrs
shall not exceed 0.15 mm per side.
12.60
13.00
0.496
0.512
E
7.40
7.60
0.291
0.299
e
1.27
0.050
H
10.0
10.65
0.394
0.419
h
0.25
0.75
0.010
0.030
L
0.40
1.27
0.016
0.050
k
0° (min.), 8° (max.)
ddd
0.10
0.004
GAPGCFT00207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com