Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5300GJTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L5300GJTR
Description  Automotive 5 V low drop voltage regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5300GJTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L5300GJTR Datasheet HTML 17Page - STMicroelectronics L5300GJTR Datasheet HTML 18Page - STMicroelectronics L5300GJTR Datasheet HTML 19Page - STMicroelectronics L5300GJTR Datasheet HTML 20Page - STMicroelectronics L5300GJTR Datasheet HTML 21Page - STMicroelectronics L5300GJTR Datasheet HTML 22Page - STMicroelectronics L5300GJTR Datasheet HTML 23Page - STMicroelectronics L5300GJTR Datasheet HTML 24Page - STMicroelectronics L5300GJTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DS6145 Rev 8
21/26
L5300GJ
Package and packing information
25
5
Package and packing information
5.1
ECOPACK®
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
5.2
PowerSSO-12 mechanical data
Figure 32. PowerSSO-12 package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com